Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0512S-W25 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A0512S-W25
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A0512S-W25 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A0512S-W25 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A0512S-W25 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_S-W25 & B_LS-W25
A/2-2008
Page 2 of 2
ISOLATION SPECIFICATIONS
APPLICATION NOTE
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1 mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.25
W
(3.3V input)
±1.5
Line regulation
For Vin change
of
±1%
(Others input)
±1.2
(3.3V output)
12
20
(5V output)
10.5
15
(9V output)
8.3
15
(12V output)
6.8
15
Load regulation
10% to 100%
load
(15V output)
6.3
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
100
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing
of Power Converter section, application notes.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated
output load unless otherwise specified.
2. See below recommended circuits for more details.
3. Dual output models unbalanced load:
±5%.
TYPICAL CHARACTERISTICS
Operating Temp.( C)
o
OUTLINE DIMENSIONS & PIN CONNECTIONS
(0.020)
1 2
4 5 6
Dual Output
S ing le Output
Pin
Single
Dual
1
2
4
6
5
Vin
GND
0V
+Vo
No Pin
Vin
GND
-Vo
+Vo
0V
F OOTPR INT DE TA ILS
1 2
4
6
RECOMM EN DED FOOTPR INT
Top view,grid:2.54*2.54mm (0.1 *0 .1inch),
diam eter :1.0 0m m(0 .039inch)
N ote:
U nit:mm (inc h)
P in section:0.50*0.30mm (0.020*0.012inch)
P in section tolerances: 0.10mm( 0.004inch)
Gener al tolerance s: 0.25mm ( 0.0 10inch)
First Angle Projection
(0.083)
(0.100)
2.10
2.54
Requirement on output load
To ensure this module can operate efficiently
and reliably, During operation, the minimum output
load is not less than 10% of the full load, and that
this product should never be operated under no
load! If the actual output power is very small,
please connect a resistor with proper resistance at
the output end in parallel to increase the load.
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection against
overload. The simplest method is to connect a
self-recovery fuse in series at the input end or add
a circuit breaker to the circuit.
Recommended circuit
If you want to further decrease the input/output
ripple, an
“LC” filtering network may be connected
to the input and output ends of the DC/DC
converter, see (Figure 1).
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Dua l O utp ut
L
Sing le Ou tput
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance and
the frequency of the
“LC” filtering network should
be staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of
the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. It
’s not recommended to connect any
external capacitor in the application field.
Output Voltage Regulation and Over-voltage
Protection Circuit
The
simplest
device
for
output
voltage
regulation,
over-voltage
and
over-current
protection
is a
linear
voltage
regulator
with
overheat protection that is connected to the input
or output end in series (Figure 2).
Vin
GND
0V
+Vout
DC DC
- Vout
REG
REG
REG
Dual O ut put
Single O utput
Vin
GND
0V
+Vout
DC DC
REG
REG
(Figure 2)
No parallel connection or plug and play.


Similar Part No. - A0512S-W25

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0512S-1W MORNSUN-A0512S-1W Datasheet
149Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0512S-1WR MORNSUN-A0512S-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0512S-1WR2 MORNSUN-A0512S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0512S-1WR2 MORNSUN-A0512S-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A0512S-1WR2 MORNSUN-A0512S-1WR2 Datasheet
265Kb / 5P
   DC/DC Converter
More results

Similar Description - A0512S-W25

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com