Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1205XD-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1205XD-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1205XD-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1205XD-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1205XD-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1205XD-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
A_XD-1W & B_XD-1W
A/1-2009
Page 1 of 3
A_XD-1W & B_XD-1W Series
1W,FIXED INPUT,1000V ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max.
Min.
Efficiency
(%, Typ.)
Certificate
B0505XD-1W
5
200
20
70
UL CE
B0509XD-1W
9
111
12
78
UL CE
B0512XD-1W
12
83
9
78
UL CE
B0515XD-1W
15
67
7
80
UL CE
A0505XD-1W
±5
±100
±10
72
UL
A0509XD-1W
±9
±56
±6
77
UL
A0512XD-1W
±12
±42
±5
79
UL
A0515XD-1W
5
4.5-5.5
±15
±33
±4
80
UL
B1205XD-1W
5
200
20
71
UL CE
B1209XD-1W
9
111
12
76
UL CE
B1212XD-1W
12
83
9
78
UL CE
B1215XD-1W
15
67
7
79
UL CE
A1205XD-1W
±5
±100
±10
72
UL
A1209XD-1W
±9
±56
±6
78
UL
A1212XD-1W
±12
±42
±5
79
UL
A1215XD-1W
12
10.8-13.2
±15
±33
±4
78
UL
B2405XD-1W
5
200
20
73
UL CE
B2409XD-1W
9
111
12
78
UL CE
B2412XD-1W
12
83
9
78
UL CE
B2415XD-1W
15
67
7
79
UL CE
A2405XD-1W
±5
±100
±10
73
UL
A2409XD-1W
±9
±56
±6
79
UL
A2412XD-1W
±12
±42
±5
80
UL
A2415XD-1W
24
21.6-26.4
±15
±33
±4
80
UL
Note: The A/B_XD-W 25 series also are available in our company.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
-40
85
Storage temperature
-55
125
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Short circuit protection*
1
S
Cooling
Free air convection
Case material
Plastic(UL94-V0)
MTBF
3500
K hours
Weight
2.4
g
● High Efficiency up to 80%
● DIP Package
● 1KVDC Isolation
● Temperature Range: -40°C ~ +85°C
● No Heat sink Required
● No External Component Required
● Internal SMD Construction
● Industry standard pinout
● RoHS Compliance
● Compatible with “DCP01” Series
APPLICATIONS
The A_XD-1W
& B_XD-1W
Series are
specially designed for applications where a
group of polar power supplies are isolated from
the input power supply in a distributed power
supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
A050 5XD-1W
Produc t Ser ies
Input Voltage
Out put Voltage
Package Style
Rated Power
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - A1205XD-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A1205XD-2W MICRODC-A1205XD-2W Datasheet
1Mb / 5P
   Isolated 2W Dual Output DC/DC Converters
More results

Similar Description - A1205XD-1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com