Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1212M-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1212M-1W
Description  DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1212M-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1212M-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1212M-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_M-1W & B_LM-1W
A/1-2008
Page 1 of 2
A_M-1W & B_LM-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
multi-country patent protection RoHS
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
A0505M-1W
±5
±100
±10
70
A0509M-1W
±9
±56
±6
75
A0512M-1W
±12
±42
±5
78
A0515M-1W
5
4.5-5.5
±15
±33
±4
79
A1205M-1W
±5
±100
±10
72
A1209M-1W
±9
±56
±6
75
A1212M-1W
±12
±42
±5
77
A1215M-1W
12
10.8-13.2
±15
±33
±4
79
B0505LM-1W
5
200
20
70
B0509LM-1W
9
111
12
75
B0512LM-1W
12
83
9
79
B0515LM-1W
5
4.5-5.5
15
67
7
80
B1205LM-1W
5
200
20
72
B1209LM-1W
9
111
12
75
B1212LM-1W
12
83
9
77
B1215LM-1W
12
10.8-13.2
15
67
7
79
B2405LM-1W
5
200
20
70
B2409LM-1W
9
111
12
73
B2412LM-1W
12
83
9
75
B2415LM-1W
15
67
7
78
B2424LM-1W
24
21.6-26.4
24
42
5
77
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATION
Item
Test Conditions
Min
Typ
Max
Units
Output power
0.1
1
W
Line regulation
For Vin change of 1%
1.2
10% to 100% full load(5V output)
10
15
10% to 100% full load(9V output)
8.3
10
10% to 100% full load(12V output)
6.8
10
10% to 100% full load(15V output)
6.3
10
Load regulation
10% to 100% full load(24V output)
5
10
%
Temperature drift
100% full load
0.03
%/
°C
Output voltage accuracy
See tolerance envelope graph
20MHz Bandwidth(AXXXXM-1W)
50
75
Ripple & Noise*
20MHz Bandwidth(BXXXXLM-1W)
75
100
mVp-p
100% load, nominal input(5V,12V)
100
Switching frequency
100% load, nominal input(24V)
500
KHz
*Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of Power
Converter
section, application notes.
FEATURES
Efficiency up to 80%
Miniature SIP Package Style
Temperature Range: -40
°C to+85°C
Internal SMD Construction
Industry Standard Pinout
No Heat sink Required
No External Component Required
RoHS Compliance
APPLICATIONS
The A_M-1W
& B_LM-1W
Series are
specially designed for applications where a
group of polar power supplies are isolated
from the input power supply in a distributed
power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between
input
and
output
(isolation
voltage
≤1000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
B0505LM-1W
Product Series
Input Voltage
Output Voltage
Package Style
Rated P ow er
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com


Similar Part No. - A1212M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1212M-1W MORNSUN-A1212M-1W Datasheet
418Kb / 4P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
More results

Similar Description - A1212M-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0505M-1WA0505M-1W MORNSUN-A0505M-1WA0505M-1W Datasheet
418Kb / 4P
   DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
E0305M-1W MORNSUN-E0305M-1W Datasheet
117Kb / 2P
   DUAL OUTPUT SUPERMINIATURE SIP PACKAGE
logo
Microdc power Technolog...
A-XM MICRODC-A-XM Datasheet
521Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XMS MICRODC-A-XMS Datasheet
533Kb / 2P
   1W, FIXED INPUT, ISOLATED UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
A-XM-1W MICRODC-A-XM-1W Datasheet
705Kb / 2P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT,SUPERMINIATURE SIP PACKAGE
logo
Guangzhou Reicu Electro...
K78X2-500 REICU-K78X2-500 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2M-1000 REICU-K78X2M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K7803-1000 REICU-K7803-1000 Datasheet
182Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
K78X2-2000 REICU-K78X2-2000 Datasheet
72Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
MORNSUN Science& Techno...
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com