Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54ABT373 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN54ABT373
Description  OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54ABT373 Datasheet(HTML) 4 Page - Texas Instruments

  SN54ABT373 Datasheet HTML 1Page - Texas Instruments SN54ABT373 Datasheet HTML 2Page - Texas Instruments SN54ABT373 Datasheet HTML 3Page - Texas Instruments SN54ABT373 Datasheet HTML 4Page - Texas Instruments SN54ABT373 Datasheet HTML 5Page - Texas Instruments SN54ABT373 Datasheet HTML 6Page - Texas Instruments SN54ABT373 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SN54ABT373, SN74ABT373
OCTAL TRANSPARENT D-TYPE LATCHES
WITH 3-STATE OUTPUTS
SCBS155D – JANUARY 1991 – REVISED MAY 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN54ABT373
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
tw
Pulse duration, LE high
3.3
3.3
ns
tsu
Setup time data before LE
High
2.2
2.5
ns
tsu
Setup time, data before LE
Low
2.2
2.5
ns
th
Hold time, data after LE
High or low
2.2
2.5
ns
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
SN74ABT373
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
MIN
MAX
tw
Pulse duration, LE high
3.3
3.3
ns
t
Setup time data before LE
High
1.9
1.9
ns
tsu
Setup time, data before LE
Low
1.5
1.5
ns
th
Hold time, data after LE
High or low
1
1
ns


Similar Part No. - SN54ABT373

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
SN54ABT373 TI-SN54ABT373 Datasheet
725Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI-SN54ABT373 Datasheet
909Kb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI1-SN54ABT373 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI-SN54ABT373_08 Datasheet
725Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT373 TI1-SN54ABT373_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - SN54ABT373

ManufacturerPart No.DatasheetDescription
Renesas Technology Corp
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
Hitachi Semiconductor
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
Texas Instruments
Texas Instruments
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54BCT573 TI-SN54BCT573_07 Datasheet
635Kb / 16P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
Renesas Technology Corp
Renesas Technology Corp
HD74LV573A RENESAS-HD74LV573A Datasheet
94Kb / 9P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC533 RENESAS-HD74LVC533 Datasheet
207Kb / 8P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz