Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH10-10D0515-02 Datasheet(PDF) 5 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10D0515-02
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10D0515-02 Datasheet(HTML) 5 Page - MORNSUN Science& Technology Ltd.

  LH10-10D0515-02 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH10-10D0515-02 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
LH**
B/4-2008
Page 5 of 5
TYPICAL EFFICIENCY CURVE
Vin=230Vac
50
55
60
65
70
75
80
85
90
95
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Load
LH05-10B05
LH05-10B24
LH10-10B05
LH10-10B24
LH15-10B05
LH15-10B24
LH20-10B05
LH20-10B24
Load=100%
70
72
74
76
78
80
82
84
86
88
90
85
120
240
264
Input voltage (Vac)
LH05-10B05
LH05-10B24
LH10-10B05
LH10-10B24
LH15-10B05
LH15-10B24
LH20-10B05
LH20-10B24
INPUT VOLTAGE VS LOAD
TEMPERATURE VS LOAD
100
240
85
264
20
40
100
60
80
70
Load
(%)
Input voltage (Vac)
*Note: When input DC,
Vdc=1.414Vac-20Vdc.
40
100
60
80
Load
(%)
Te mperat ure( C)
0
-10
-25
55
70
PARALLEL LINES MEASURE
Coppe r sheet
L oad
Conne ct
Oscillog rap h Probe
Fu se
AC-DC
+Vo
-Vo
3
2
N
L
C2
C1
2 5.4mm
2 5.4mm
C1:10
μF
C2:0.1
μF
OUTLINE AND DIMENSIONS
N0.
LH05
LH10
LH15
LH20
LH25
C
40.5
47.0
54.0
62.0
62.0
E
16.0
20.0
20.0
23.0
23.0
36.0
F
45.0
45.0
48.0
48.0
B
48.5
55.0
62.0
70.0
70.0
A
12.5
17.5
17.5
20.0
20.0
20.5
21.0
22.5
23.5
G
23.5
D
4.0
5.0
5.0
5.75
5.75
Pin
1
2
3
5
4
AC(L)
-Vo
No Pin
6
AC(N)
LHXX-10B
LHXX-10A
LHXX-10C
LHXX-10D
7
8
+Vo
AC(L)
-Vo
AC(N)
COM
+Vo
AC(L)
-Vo1
+Vo1
AC(N)
-Vo2
COM
+Vo2
AC(L)
-Vo1
+Vo1
AC(N)
-Vo2
+Vo2
No Pin
No Pin
No Pin
No Pin
No Pin
No Pin
Trim
Trim**
No Pin
No Pin
No Pin
There is no Pin 1"
" on LH15-10BXX.
OUTLINE AND DIMENSIONS
B
C
1
2
3
Trim
4
5
6
7
8
FOOTPRINT DETAILS
Note:
Unit:mm(inch)
Pin section:1.00mm(0.039inch)
Pin Length(H): 6.00mm(
0.236inch)
Pin tolerances: 0.1mm( 0.004inch)
General tolerances: 0.5mm( 0.020inch)
First Angle Projection
MODLES WEIGHT
LH05
WEIGHT
50g
LH10
70g
LH15
80g
LH20
120g
LH25
120g
(TYP)
(Bottom vie w)
(Side vie w)
I
4.0
4.0
4.0
4.0
I
4.0
I
Trim**:Only For LH20/25-10BXXSeries


Similar Part No. - LH10-10D0515-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10D0515-02 MORNSUN-LH10-10D0515-02 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10D0515-02 MORNSUN-LH10-10D0515-02 Datasheet
1Mb / 7P
   10W, AC-DC converter
More results

Similar Description - LH10-10D0515-02

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com