Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1205S-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # A1205S-1W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1205S-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  A1205S-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1205S-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_S-1W & B_LS-1W
A/1-2007
Page 1 of 2
A_S-1W & B_LS-1W Series
1W, FIXED INPUT, ISOLATED & UNREGULATED
DUAL/SINGLE OUTPUT DC-DC CONVERTER
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
Certificate
B0303LS-1W
3.3
303
31
72
B0305LS-1W
3.3
3.0-3.6
5
200
20
74
A0505S-1W
±5
±100
±10
72
UL
A0509S-1W
±9
±56
±6
77
UL
A0512S-1W
±12
±42
±5
79
UL
A0515S-1W
±15
±33
±4
80
UL
B0505LS-W5
5
100
10
68
B0505LS-1W
5
200
20
70
UL CE
B0509 LS-1W
9
111
12
78
UL CE
B0512 LS-1W
12
83
9
78
UL CE
B0515 LS-1W
5
4.5-5.5
15
67
7
80
UL CE
A1205S-1W
±5
±100
±10
72
UL
A1209S-1W
±9
±56
±6
78
UL
A1212S-1W
±12
±42
±5
79
UL
A1215S-1W
±15
±33
±4
78
UL
B1203 LS-1W
3.3
303
31
73
B1205 LS-1W
5
200
20
71
UL CE
B1209 LS-1W
9
111
12
76
UL CE
B1212 LS-1W
12
83
9
78
UL CE
B1215 LS-1W
12
10.8-13.2
15
67
7
79
UL CE
A1505S-1W
±5
±100
±10
72
B1515LS-1W
15
13.5-16.5
15
67
7
75
A2405S-1W
±5
±100
±10
73
UL
A2409S-1W
±9
±56
±6
79
UL
A2412S-1W
±12
±42
±5
80
UL
A2415S-1W
±15
±33
±4
80
UL
B2405 LS-1W
5
200
20
73
UL CE
B2409 LS-1W
9
111
12
78
UL CE
B2412 LS-1W
12
83
9
78
UL CE
B2415 LS-1W
15
67
7
79
UL CE
B2424LS-1W
24
21.6-26.4
24
42
4
78
Note: The A_S-W 2/B_LS-W2 series also are available in our company.
COMMON SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Operating Temp. Range
-40
85
Storage Temp. Range
-55
125
°C
Storage humidity range
95
%
Cooling
Free air convection
Temp. rise at full load
15
25
Lead temperature
1.5mm from case for 10 seconds
300
°C
Isolation voltage
Tested for 1 minute and 1 mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
Short circuit protection*
1
s
Case material
Plastic (UL94-V0)
MTBF
3500
K hours
Weight
2.1
G
High Efficiency up to 80%
1KVDC Isolation
SIP Package
Internal SMD Construction
Temperature Range: -40
°C to +85°C
No Heat sink Required
No External Component Required
Industry Standard Pinout
RoHS Compliance
APPLICATIONS
The A_S-1W & B_LS-1W Series are specially
designed for applications where a group of polar
power supplies are isolated from the input
power supply in a distributed power supply
system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply
is fixed (voltage variation
≤ ±10%);
2) Where isolation is necessary between input
and output (isolation voltage
≤1000VDC);
3) Where the regulation of the output voltage
and
the
output
ripple
noise
are
not
demanding.
Such as: purely digital circuits, ordinary low
frequency analog circuits, and IGBT power
device driving circuits.
MODEL SELECTION
A0505S-1W
P rod uct S eries
Inpu t Volta ge
Ou tp ut Vo ltage
P acka ge S tyle
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
*Supply voltage must be discontinued at the end of short circuit duration.


Similar Part No. - A1205S-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1205S-1WR MORNSUN-A1205S-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1205S-1WR2 MORNSUN-A1205S-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A1205S-1WR2 MORNSUN-A1205S-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A1205S-1WR2 MORNSUN-A1205S-1WR2 Datasheet
265Kb / 5P
   DC/DC Converter
A1205S-1WR3 MORNSUN-A1205S-1WR3 Datasheet
1Mb / 5P
   DC/DC Converter
2021.12.27-A/2
More results

Similar Description - A1205S-1W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com