Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IB2412LD-1W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # IB2412LD-1W
Description  SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IB2412LD-1W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  IB2412LD-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IB2412LD-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
IB_LD-1W & IB_LS-1W
A/2-2008
Page 2 of 2
ISOLATION SPECIFICATIONS
APPLICATION NOTE
Item
Test condition
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
Output power
0.1
1
W
Line regulation
For Vin change of 5%
±0.25
Load regulation
10% to 100% load
±1
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/
°C
Ripple*
20MHz Bandwidth
10
20
Noise*
20MHz Bandwidth
50
75
mVp-p
Switching frequency
Full load, nominal input
100
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of
Power Converter section, application notes.
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. See below recommended circuits for more details.
TYPICAL TEMPERATURE CURVE
Operating Temp.(
)
C
OUTLINE DIMENSION & PIN CONNECTIONS
FOOTPRINT DETAILS
1
2
4
6
Vin
GND
0V
+Vo
Pin
SIP
12
46
(0.079)
(0.200)
IB XXX XLS-1W
1
7
9
14
1
7
9
11
14
IB XXX XL D-1W
RECOMMENDED FOOTPRINT
Top view,grid:2.54*2.54mm(0.1*0.1inch),
diameter:1.00mm(0.039inch)
Note:
Unit:mm(inch)
Pin section:0.50*0.30mm(0.020*0.012inch)
Pin section tol erances: 0.10mm( 0.004inch)
General tolerances: 0.25mm( 0.010inch)
Fi rst Angle Projection
11
(0.020)
5.08
FOOTPRINT DETAILS
Vin
GND
NC
+Vo
0V
DIP
1
7
11
14
9
Pin
NC:No Connec tion
Requirement on output load
To ensure this module can operate efficiently
and reliably, During operation, the minimum
output load is not less than 10% of the full load,
and
that
this
product
should
never
be
operated under no load! If the actual output
power is very small, please connect a resistor
with proper resistance at the output end in
parallel
to increase the
load,
or
use
our
company
’s products with a lower rated output
power (IB_LD -W25/IB_LS-W25 series).
Recommended circuit
If
you
want
to
further
decrease
the
input/output ripple, an
“LC” filtering network may
be connected to the input and output ends of the
DC/DC converter, see (Figure 1).
L
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance
and the frequency of the
“LC” filtering network
should be staggered with the DC/DC frequency
to avoid mutual interference.
However, the
capacitance of the output filter capacitor must be
proper. If the capacitance is too big, a startup
problem might arise. For every channel of
output, provided the safe and reliable operation
is ensured, the greatest capacitance of its filter
capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(uF)
Vout
(VDC)
Cout
(uF)
5
4.7
5
10
12
4.7
9
4.7
15
2.2
12
2.2
24
1
15
1
It
’s not recommended to connect any external capacitor
in the application field with less than 0.5 watt output.
No parallel connection or plug and play.


Similar Part No. - IB2412LD-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IB2412LD-1W MORNSUN-IB2412LD-1W Datasheet
507Kb / 4P
   SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
IB2412LD-1W REICU-IB2412LD-1W Datasheet
3Mb / 1P
   1600VDC Isolated 1W Single Output SIP/DIP-Package
REV:3.1
More results

Similar Description - IB2412LD-1W

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
CMKR WALL-CMKR Datasheet
146Kb / 3P
   Single Output DC/DC Converter
logo
MORNSUN Science& Techno...
IB0505S-2W MORNSUN-IB0505S-2W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
F0305AS-1W MORNSUN-F0305AS-1W Datasheet
112Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB1203D-40W MORNSUN-VRB1203D-40W Datasheet
115Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
VRB2403LD-30W MORNSUN-VRB2403LD-30W Datasheet
162Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
F0303M-1W MORNSUN-F0303M-1W Datasheet
202Kb / 2P
   SINGLE OUTPUT DC-DC CONVERTER
B0303S-D-W2 MORNSUN-B0303S-D-W2 Datasheet
159Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
B0303SD-1WR2 MORNSUN-B0303SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0503SD-1WR2 MORNSUN-B0503SD-1WR2 Datasheet
615Kb / 5P
   SINGLE OUTPUT DC-DC CONVERTER
B0515YS-1W MORNSUN-B0515YS-1W Datasheet
298Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com