Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0512S-2W Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # A0512S-2W
Description  DUAL/SINGLE OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A0512S-2W Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  A0512S-2W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A0512S-2W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_S-2W & B_S-2W
A/1-2008
Page 2 of 2
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1 mA max
1000
VDC
Isolation resistance Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Output power
0.2
2
W
Line regulation
For Vin change of 1%
±1.2
(5V output)
12.8
15
(9V output)
8.3
15
(12V output)
6.8
15
(15V output)
6.3
15
Load regulation
10% to 100% load
(24V output)
5
15
%
Output voltage accuracy
See tolerance envelope graph
Temperature drift
100% full load
0.03
%/
°C
Ripple & Noise*
20MHz Bandwidth
75
150
mVp-p
Switching frequency Full load, nominal input
75
KHz
*Test ripple and noise by “parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load
unless otherwise specified.
2. Dual output models unbalanced load:
±5%.
TYPICAL CHARACTERISTICS
Ambient Temperature C
(
)
OUTLINE DIMENSIONS & PIN CONNECTIONS
1 2
4 5 6
(0.079)
Dual Output
Single Output
Pin
Singles
Duals
1
2
4
6
5
Vin
GND
0V
+Vo
No Pin
Vin
GND
-V0
+Vo
0V
FOOTPRINT DETAILS
1 2
4
6
(0.100)
RE COMMENDED FOOTPRINT
Top view,grid:2.54*2.54mm(0.1*0.1inch)
diameter:1.00mm(0.039inch)
Note:
Unit:mm(inch)
Pin section:0.50*0.30mm(0.020*0.012inch)
Pin tolerances: 0.10mm( 0.004inch)
General tolerances: 0.25mm( 0.010inch)
First Angle Projection
(0.020)
APPLICATION NOTE
Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum
output load is not less than 10% of the full load, and that this product should never be
operated under no load! If the actual output power is very small, please connect a resistor
with proper resistance at the output end in parallel to increase the load, or use our company
’s
products with a lower rated output power (A_S-1W /B_LS-1W Series).
Overload Protection
Under normal operating conditions, the output
circuit of these products has no protection
against overload. The simplest method is to
connect a self-recovery fuse in series at the
input end or add a circuit breaker to the circuit.
Recommended testing and application circuit
If you want to further decrease the input/output
ripple,
an
“LC” filtering network may be
connected to the input and output ends of the
DC/DC converter, see (Figure 1).
Vin
GND
+Vo
0V
DC
Cin
L
L
DC
L Cout
Cout
-Vo
Dual Output
L
Single Output
Vin
GND
+Vo
0V
DC
Cin
L
DC
Cout
(Figure 1)
It should also be noted that the inductance and
the frequency of the
“LC” filtering network should
be staggered with the DC/DC frequency to avoid
mutual interference. However, the capacitance of
the output filter capacitor must be proper. If the
capacitance is too big, a startup problem might
arise. For every channel of output, provided the
safe and reliable operation is ensured, the
greatest capacitance of its filter capacitor sees
(Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
Vin
(VDC)
Cin
(uF)
Single
Vout
(VDC)
Cout
(uF)
Dual
Vout
(VDC)
Cout
(uF)
5
4.7
5
10
±5
4.7
12
2.2
9
4.7
±9
2.2
15
2.2
12
2.2
±12
1
24
1
15
1
±15
0.47
It
’s not recommended to connect any external
capacitor in the application field with less than 0.5
watt output.
Output Voltage Regulation and Over-voltage
Protection Circuit
The
simplest
device
for
output
voltage
regulation,
over-voltage
and
over-current
protection is a linear voltage regulator with
overheat protection that is connected to the input
or output end in series (Figure 2).
Vin
GND
0V
+Vout
DC DC
-Vo ut
R EG
REG
REG
Dual O u tput
S ingle Ou tput
Vin
GND
0V
+Vout
DC DC
R EG
REG
(Figure 2)
No parallel connection or plug and play.


Similar Part No. - A0512S-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0512S-2W MORNSUN-A0512S-2W Datasheet
447Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
A0512S-2W REICU-A0512S-2W Datasheet
1Mb / 1P
   1600VDC Isolated 2W Double Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
A0512S-2WR2 MORNSUN-A0512S-2WR2 Datasheet
811Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
A0512S-2WR2 MORNSUN-A0512S-2WR2 Datasheet
811Kb / 5P
   2W, FIXED INPUT, ISOLATED & UNREGULATED
A0512S-2WR2 MORNSUN-A0512S-2WR2 Datasheet
250Kb / 5P
   DC/DC Converter
More results

Similar Description - A0512S-2W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
logo
MORNSUN Science& Techno...
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
   Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
   Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
   Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
B0303LS-1WR2 MORNSUN-B0303LS-1WR2 Datasheet
605Kb / 5P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
WRA0505LT-3W MORNSUN-WRA0505LT-3W Datasheet
270Kb / 3P
   SINGLE/DUAL OUTPUT DC/DC CONVERTER
logo
Make-Ps
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
   Single & Dual Output DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com