Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA2412KS-1W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # IA2412KS-1W
Description  DUAL OUTPUT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

IA2412KS-1W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  IA2412KS-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. IA2412KS-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
IA_KP-*W
A/1-2008
Page 1 of 2
IA_KP-*W Series
1W/2W/3W, FIXED INPUT, ISOLATED & REGULATED
DUAL OUTPUT DC-DC CONVERTER
multi-country patent protection
RoHS
FEATURES
PRODUCT PROGRAM
Input
Output
Voltage (VDC)
Current (mA)
Part
Number
Nominal
Range
Voltage
(VDC)
Max
Min
Efficiency
(%, Typ)
IA0512KP-1W
±12
±42
±5
64
IA0515KP-1W
±15
±33
±4
65
IA0509KP-2W *
±9
±100
±10
62
IA0512KP-2W
±12
±83
±9
63
IA0515KP-2W
±15
±67
±7
64
IA0512KP-3W
±12
±100
±10
64
IA0515KP-3W
5
4.75-5.25
±15
±100
±10
62
IA1212KP-1W *
±12
±42
±5
64
IA1215KP-1W *
±15
±33
±4
65
IA1209KP-2W
±9
±100
±10
63
IA1212KP-2W
±12
±83
±9
65
IA1215KP-2W *
±15
±67
±7
66
IA1212KP-3W *
±12
±100
±10
65
IA1215KP-3W
12
11.4-12.6
±15
±100
±10
68
IA2412KP-1W *
±12
±42
±5
64
IA2415KP-1W
±15
±33
±4
65
IA2409KP-2W *
±9
±100
±10
63
IA2412KP-2W
±12
±83
±9
66
IA2415KP-2W
±15
±67
±7
67
IA2412KP-3W
±12
±100
±10
68
IA2415KP-3W *
24
22.8-25.2
±15
±100
±10
69
* Designing.
ISOLATION SPECIFICATIONS
Item
Test conditions
Min
Typ
Max
Units
Isolation voltage
Tested for 1 minute and 1mA max
1000
VDC
Isolation resistance
Test at 500VDC
1000
M
Ω
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min
Typ
Max
Units
For Vin change of
±5%(1W&2W)
±0.25
For Vin change of
±5%(3W)
±0.3
Line regulation
10% to 100% full load
±1
Output voltage accuracy
100% full load
±3
%
Temperature drift
100% full load
0.03
%/
°C
20MHz Bandwidth(1W)
10
20
Output ripple*
20MHz Bandwidth(2W&3W)
20
40
20MHz Bandwidth(1W&2W)
50
150
Output Noise*
20MHz Bandwidth(3W)
150
300
mVp-p
Switching frequency
Full load, nominal input
75
KHz
*Test ripple and noise by
“parallel cable” method. See detailed operation instructions at Testing of Power
Converter section, application notes.
Low ripple
Good dynamic feature
1KVDC Isolation
DIP Package
Temperature Range: -40
°C to +85°C
UL94-V0 Package
No Heatsink Required
No External Component Required
Internal SMD construction
RoHS Compliance
APPLICATIONS
The IA_KP-3W & IA_KP-2W & IA_KP-1W
Series are specially designed for applications
where a group of polar power supplies are
isolated from the input power supply in a
distributed power supply system on a circuit
board.
These products apply to:
1) Where the voltage of the input power
supply is fixed (voltage variation
≤±5%);
2) Where isolation is necessary between
input
and
output
(isolation
voltage
≤1000VDC);
3) Where the regulation of the output voltage
and the output ripple noise are demanded.
MODEL SELECTION
IA0 512KP-3W
Product Ser ies
Inp ut Voltage
Out put Vol ta ge
Pac ka ge St yle
Rated Power
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou
Industrial District, Guangzhou, China
Tel: 86-20-38601850
Fax: 86-20-38601272
http://www.mornsun-power.com
Note:
1. All specifications measured at TA=25
°C, humidity<75%, nominal input voltage and rated output load unless
otherwise specified.
2. See below recommended circuits for more details.


Similar Part No. - IA2412KS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
IA2412KS-2W MORNSUN-IA2412KS-2W Datasheet
360Kb / 3P
   2W, FIXED INPUT, ISOLATED & REGULATED DUAL OUTPUT DC-DC CONVERTER
More results

Similar Description - IA2412KS-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
UWD240512K-15W MORNSUN-UWD240512K-15W Datasheet
469Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
logo
Make-Ps
1200H MAKE-PS-1200H Datasheet
164Kb / 3P
   Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
IA0512KP-1W MORNSUN-IA0512KP-1W Datasheet
182Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
IE0505S-1W MORNSUN-IE0505S-1W Datasheet
166Kb / 2P
   DUAL OUTPUT DC-DC CONVERTER
G1212KS-1W MORNSUN-G1212KS-1W Datasheet
292Kb / 3P
   DUAL OUTPUT DC-DC CONVERTER
VRA2405LD-30WR2 MORNSUN-VRA2405LD-30WR2 Datasheet
1Mb / 7P
   DUAL OUTPUT DC-DC CONVERTER
logo
STMicroelectronics
GS2T48-D12 STMICROELECTRONICS-GS2T48-D12 Datasheet
30Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D12 STMICROELECTRONICS-GS2T5-D12 Datasheet
32Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
GS2T5-D5 STMICROELECTRONICS-GS2T5-D5 Datasheet
114Kb / 2P
   2W DUAL OUTPUT DC-DC CONVERTER
December 1993
logo
Bothhand USA, LP.
B7LF BOTHHAND-B7LF Datasheet
1Mb / 8P
   DC-DC Converter Single / Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com