Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB10-10B03 Datasheet(PDF) 10 Page - MORNSUN Science& Technology Ltd.

Part # LB10-10B03
Description  AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LB10-10B03 Datasheet(HTML) 10 Page - MORNSUN Science& Technology Ltd.

Back Button LB10-10B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LB10-10B03 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
5.3 Input Voltage vs Load Capability (LD03-00B24)
0
5
10
15
20
25
30
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100% 110% 120% 130% 140%
Load(%)
85VAC
80VAC
75VAC
70VAC
65VAC
60VAC
Load
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
120%
130%
140%
85VAC
23.85
23.82
23.79
23.77
23.74
23.71
23.68
23.65
23.61
23.58
23.57
23.19
19.2
14.7
11
80VAC
23.83
23.82
23.82
23.83
23.82
23.82
23.81
23.81
23.81
23.8
21
18.5
15
13
10.5
75VAC
23.83
23.83
23.83
23.83
23.82
23.82
23.82
23.81
23.77
20.29
16.65
14.02
10.98
9.39
7.04
70VAC
23.83
23.83
23.83
23.83
23.82
23.82
23.81
23.79
19.96
16.44
13.32
11.14
8.79
65VAC
23.83
23.83
23.83
23.83
23.82
23.82
23.82
23.8
19.6
15.67
12.46
9.57
7.65
60VAC
23.83
23.83
23.83
23.83
23.82
23.51
17.86
14.13
10.52
8.28
0


Similar Part No. - LB10-10B03

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LB10-10B03 MORNSUN-LB10-10B03 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10B03LT MORNSUN-LB10-10B03LT Datasheet
282Kb / 7P
   AC/DC Converter
More results

Similar Description - LB10-10B03

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com