Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH05-10B09 Datasheet(PDF) 10 Page - MORNSUN Science& Technology Ltd.

Part # LH05-10B09
Description  5-25W, AC-DC CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH05-10B09 Datasheet(HTML) 10 Page - MORNSUN Science& Technology Ltd.

Back Button LH05-10B09 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 10Page - MORNSUN Science& Technology Ltd. LH05-10B09 Datasheet HTML 11Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
♦ The heat sink should be made of a good heat conducting material, such as aluminum and
copper.
♦ The larger the surface area, the better the radiation. Therefore, heat sinks usually have a
ridged surface or special coatings to make a larger surface area.
♦ Use the longest and thickest possible heat sink for best convection.
Heat sinks are best attached to the converter
’s surface, where the difference in temperature
between the surface and the ambient is largest. The use of heat conductive material between
the heat sink and the converter
’s surface to make a better contact and to improve heat
conductance is suggested. To avoid case distortion, please do not affix the heat sink too firmly to
the converter case.
(3) Forced Air Cooling
In some systems, where a heat sink does not effectively reduce the ambient temperature, a fan
is used to improve the heat radiation. Fans can lower the surface temperature of the converter,
but large fans also occupy extra space in the system. It is important to select a suitable fan size,
where the speed of the fan will determines how effective it is. The faster the speed, the better
the effect on reducing radiated heat.
As high speed will also cause increased noise, there is a
need to balance the choice between the how effective the fan is against how much audible noise
it generates.
A long, rectangular shaped AC/DC converter should use a horizontal fan, and channeled heat
sinks should use vertical fans, in order to encourage air flow through the channels.
5. Input Under Voltage Impact
5.1 Block Diagram of AC/DC Converter
5.2 Impact to Converter Reliability
The input voltage range of MORNSUN
’s AC/DC converters is 85~264VAC or 120~370VDC.
When the converter is operated within the rated input voltage range, the output current can be
used up to the maximum rated specification.
The total output power is Io x Vo.
If the converter is operated with an input voltage that is under the rated voltage, offering the
same output power of Io x Vo , causes the current (Is) at the transistor (S) to be increased.
Long term operation under this condition will damage the transistor (S).


Similar Part No. - LH05-10B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B09 MORNSUN-LH05-10B09 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH05-10B09 MORNSUN-LH05-10B09 Datasheet
1Mb / 7P
   5W, AC-DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
More results

Similar Description - LH05-10B09

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
AIMTEC
AMEL5-MAZ-1 AIMTEC-AMEL5-MAZ-1_16 Datasheet
535Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AMEL5-AZ-1 AIMTEC-AMEL5-AZ-1_16 Datasheet
561Kb / 5P
   5 Watt | AC-DC / DC-DC Converter
AME5-JZ AIMTEC-AME5-JZ Datasheet
173Kb / 3P
   5 Watt | AC-DC / DC-DC Converter
AMEOF5-JZ AIMTEC-AMEOF5-JZ Datasheet
210Kb / 3P
   5 Watt | AC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com