Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMM251VSN681MR30T Datasheet(PDF) 11 Page - United Chemi-Con, Inc.

Part # ESMM251VSN681MR30T
Description  Snap Mount
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMM251VSN681MR30T Datasheet(HTML) 11 Page - United Chemi-Con, Inc.

Back Button ESMM251VSN681MR30T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 9Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 10Page - United Chemi-Con, Inc. ESMM251VSN681MR30T Datasheet HTML 11Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
450 Volts
500 Volts Surge
420 Volts
470 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
11/ 11
SMM Series
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
330
ESMM421VSN331MR35T
30
35
R35
1.005
1.98
390
ESMM421VSN391MR40T
30
40
R40
0.85
2.22
470
ESMM421VSN471MR45T
30
45
R45
0.705
2.5
150
ESMM421VSN151MA20T
35
20
A20
2.21
1.11
180
ESMM421VSN181MA20T
35
20
A20
1.842
1.16
220
ESMM421VSN221MA25T
35
25
A25
1.507
1.47
270
ESMM421VSN271MA30T
35
30
A30
1.228
1.94
330
ESMM421VSN331MA35T
35
35
A35
1.005
2.17
390
ESMM421VSN391MA35T
35
35
A35
0.85
2.27
470
ESMM421VSN471MA40T
35
40
A40
0.705
2.61
560
ESMM421VSN561MA45T
35
45
A45
0.592
2.95
680
ESMM421VSN681MA50T
35
50
A50
0.488
3.15
56
ESMM451VSN560MN25T
20
25
N25
5.92
0.61
68
ESMM451VSN680MN30T
20
30
N30
4.875
0.71
82
ESMM451VSN820MN35T
20
35
N35
4.043
0.8
100
ESMM451VSN101MN35T
20
35
N35
3.315
0.88
120
ESMM451VSN121MN40T
20
40
N40
2.763
0.99
150
ESMM451VSN151MN45T
20
45
N45
2.21
1.13
47
ESMM451VSN470MP20T
22
20
P20
7.053
0.54
56
ESMM451VSN560MP20T
22
20
P20
5.92
0.59
68
ESMM451VSN680MP25T
22
25
P25
4.875
0.71
82
ESMM451VSN820MP25T
22
25
P25
4.043
0.86
100
ESMM451VSN101MP30T
22
30
P30
3.315
0.95
120
ESMM451VSN121MP35T
22
35
P35
2.763
1.07
150
ESMM451VSN151MP40T
22
40
P40
2.21
1.18
180
ESMM451VSN181MP45T
22
45
P45
1.842
1.32
220
ESMM451VSN221MP50T
22
50
P50
1.507
1.48
68
ESMM451VSN680MQ20T
25.4
20
Q20
4.875
0.68
82
ESMM451VSN820MQ20T
25.4
20
Q20
4.043
0.74
100
ESMM451VSN101MQ25T
25.4
25
Q25
3.315
0.97
120
ESMM451VSN121MQ30T
25.4
30
Q30
2.763
1.09
150
ESMM451VSN151MQ30T
25.4
30
Q30
2.21
1.25
180
ESMM451VSN181MQ35T
25.4
35
Q35
1.842
1.4
220
ESMM451VSN221MQ40T
25.4
40
Q40
1.507
1.59
270
ESMM451VSN271MQ45T
25.4
45
Q45
1.228
1.73
330
ESMM451VSN331MQ50T
25.4
50
Q50
1.005
2.12
82
ESMM451VSN820MR20T
30
20
R20
4.043
0.79
100
ESMM451VSN101MR20T
30
20
R20
3.315
0.87
120
ESMM451VSN121MR25T
30
25
R25
2.763
1.12
150
ESMM451VSN151MR25T
30
25
R25
2.21
1.29
180
ESMM451VSN181MR30T
30
30
R30
1.842
1.45
220
ESMM451VSN221MR30T
30
30
R30
1.507
1.64
270
ESMM451VSN271MR35T
30
35
R35
1.228
1.89
330
ESMM451VSN331MR40T
30
40
R40
1.005
2.12
390
ESMM451VSN391MR45T
30
45
R45
0.85
2.35
470
ESMM451VSN471MR50T
30
50
R50
0.705
2.65
120
ESMM451VSN121MA20T
35
20
A20
2.763
0.99
150
ESMM451VSN151MA20T
35
20
A20
2.21
1.06
180
ESMM451VSN181MA25T
35
25
A25
1.842
1.33
220
ESMM451VSN221MA25T
35
25
A25
1.507
1.66
270
ESMM451VSN271MA30T
35
30
A30
1.228
1.9
330
ESMM451VSN331MA35T
35
35
A35
1.005
2.15
390
ESMM451VSN391MA40T
35
40
A40
0.85
2.38
470
ESMM451VSN471MA45T
35
45
A45
0.705
2.68
560
ESMM451VSN561MA50T
35
50
A50
0.592
2.88
Engineering Bulletin Mar 07
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMM251VSN681MR30T

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
logo
Eorex Corporation
ESMMC128 EOREX-ESMMC128 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC256 EOREX-ESMMC256 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC512 EOREX-ESMMC512 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
More results

Similar Description - ESMM251VSN681MR30T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com