Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E36L501CPN682MEN0M Datasheet(PDF) 9 Page - United Chemi-Con, Inc.

Part # E36L501CPN682MEN0M
Description  Screw Terminals
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

E36L501CPN682MEN0M Datasheet(HTML) 9 Page - United Chemi-Con, Inc.

  E36L501CPN682MEN0M Datasheet HTML 1Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 2Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 3Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 4Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 5Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 6Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 7Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 8Page - United Chemi-Con, Inc. E36L501CPN682MEN0M Datasheet HTML 9Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
9/9
U36L Series
Engineering Bulletin Mar 07
For terminal, mounting and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.
Standard Voltage Ratings - Screw Terminals
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(m
Ω) at
25 C, 120Hz
Rated Ripple Current
(A rms) at
85 C
120Hz
300Hz
>3kHz
500 Volts
550 Volts Surge
5,600
E36L501CPN562MFE3M
89
143
FE3
29
18.9
22.7
26.4
5,600
E36L501CPN562MFK0M
89
190
FK0
25
23.0
27.6
32.2
6,800
E36L501CPN682MFF5M
89
155
FF5
24
21.6
25.9
30.2
6,800
E36L501CPN682MFN0M
89
220
FN0
21
27.0
32.4
37.8
8,200
E36L501CPN822MFK0M
89
190
FK0
20
25.9
31.1
36.3
10,000
E36L501CPN103MFN0M
89
220
FN0
16
30.5
36.6
42.7


Similar Part No. - E36L501CPN682MEN0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E36L501CPN682MEN0M CHEMI-CON-E36L501CPN682MEN0M Datasheet
130Kb / 9P
   Large Can
More results

Similar Description - E36L501CPN682MEN0M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
E32D6R3HPN393MA41M CHEMI-CON-E32D6R3HPN393MA41M Datasheet
145Kb / 12P
   Screw Terminals
logo
List of Unclassifed Man...
1259 ETC2-1259 Datasheet
584Kb / 2P
   SCREW TERMINALS
logo
United Chemi-Con, Inc.
E32F351HPN222MCA5M CHEMI-CON-E32F351HPN222MCA5M Datasheet
128Kb / 9P
   Screw Terminals
E36D6R3HPN393MA41M CHEMI-CON-E36D6R3HPN393MA41M Datasheet
151Kb / 13P
   Screw Terminals
E36F351HPN222MCA5M CHEMI-CON-E36F351HPN222MCA5M Datasheet
123Kb / 9P
   Screw Terminals
ETOR351CTN182ME54M CHEMI-CON-ETOR351CTN182ME54M Datasheet
148Kb / 7P
   Screw Terminals
logo
List of Unclassifed Man...
7790 ETC2-7790 Datasheet
113Kb / 2P
   SCREW TERMINALS
7775-3 ETC2-7775-3 Datasheet
150Kb / 2P
   PC SCREW TERMINALS
logo
XP Power Limited
MFA350 XPPOWER-MFA350 Datasheet
9Mb / 40P
   Screw Terminals Available
MFA420 XPPOWER-MFA420 Datasheet
6Mb / 14P
   Screw Terminals Available
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com