Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74ABT16952DGGRE4 Datasheet(PDF) 7 Page - Texas Instruments

Part No. 74ABT16952DGGRE4
Description  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

74ABT16952DGGRE4 Datasheet(HTML) 7 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
SN54ABT16952, SN74ABT16952
16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS082C – FEBRUARY 1991 – REVISED JANUARY 1997
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (see Figure 1)
VCC = 5 V,
TA = 25°C
SN54ABT16952
SN74ABT16952
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
150
0
150
0
150
MHz
tw†
Pulse duration, CLKAB or CLKBA high or low
3.3
3.3
3.3
ns
t
Setup time,
A or B
3.5
3.5
3.5
ns
tsu
,
before CLKAB
↑ or CLKBA↑
CLKENAB or CLKENBA
3
3
3
ns
th
Hold time,
A or B
1
1
1
ns
th
,
after CLKAB
↑ or CLKBA↑
CLKENAB or CLKENBA
1
1
1
ns
† This parameter is warranted, but not production tested.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16952
SN74ABT16952
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
fmax
150
150
150
MHz
tPLH
CLK
AorB
1
2.6
3.9
1
4.4
1
4.3
ns
tPHL
CLK
A or B
1
2.6
4.2
1
4.6
1
4.5
ns
tPZH
OE
AorB
1
2.5
3.8
1
4.7
1
4.6
ns
tPZL
OE
A or B
1
2.8
5.1
1
6.1
1
6
ns
tPHZ
OE
AorB
1.7
3.4
4.7
1.7
6.1
1.7
5.5
ns
tPLZ
OE
A or B
1.3
3
3.9
1.3
4.8
1.3
4.2
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn