Electronic Components Datasheet Search |
|
ESMM3B1VSN331MN50T Datasheet(PDF) 2 Page - United Chemi-Con, Inc. |
|
ESMM3B1VSN331MN50T Datasheet(HTML) 2 Page - United Chemi-Con, Inc. |
2 / 11 page United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com 2/ 11 SMM Series SMM Specifications - Snap Mount Item Category Temperature Range 25 to 85 C Rated Voltage Range 160 to 450VDC Capacitance Range 47 to 3,300 F Capacitance Tolerance 20% ( M ) at 20 C, 120Hz Leakage Current I ≤ 3 CV ( A) after 5 minutes at 20 C. Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V ) Characteristics Rated Voltage ( V ) Tan ( DF ) Max. 160 - 400 0.15 420 - 450 0.20 Dissipation Factor ( Tan )At 20 C, 120Hz Rated Voltage ( V ) Z( 25 C) / Z ( 20 C) 160 - 400 4 420 - 450 8 Low Temperature Characteristics At 120Hz, impedance ( Z ) ratio between the 25 C value and 20 C value shall not exceed the values given below. Rated Ripple Current Multipliers Ambient Temperature ( C) 45 C 1.73 60 C 1.50 70 C 1.32 85 C 1.00 Frequency (Hz ) DC Rated Voltage 160 - 250V 315-450V 50Hz 0.81 0.77 120Hz 1.00 1.00 300Hz 1.17 1.16 1kHz 1.32 1.30 10kHz 1.45 1.41 50kHz 1.50 1.43 Shelf Life The following specifications shall be satisfied when the capacitors are restored to 20 C after exposing them for 1,000 hours at 85 C without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. Capacitance change: ≤ 15% of initial measured value Tan (DF) : ≤ 150% of initial specified value Leakage current : ≤ initial specified value Endurance (Load Life) The following specifications shall be satisfied when the capacitors are restored to 20 C after subjecting them to DC voltage for 3,000 hours at 85 C with the rated ripple current applied. The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors. Capacitance change: ≤ 20% of initial measured value Tan (DF) : ≤ 200% of initial specified value Leakage current : ≤ initial specified value Engineering Bulletin Mar 07 |
Similar Part No. - ESMM3B1VSN331MN50T |
|
Similar Description - ESMM3B1VSN331MN50T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |