Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TII13-EX Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TII13-EX
Description  ANALOG SIGNAL ISOLATING DETECTION BARRIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TII13-EX Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TII13-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TII13-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The copyright and authority for the interpretation of the products are reserved by Mornsun
Specifications subject to change without notice.
TII13-EX
A/0-2008
Page 1 of 2
ANALOG SIGNAL ISOLATING
DETECTION BARRIER
PRODUCT PROGRAM
Power Supply
Part
Number
Nominal
Range
Input
Output
Isolation
Power Output
TII13-EX
24VDC
18-32VDC
4-20 mA
(OR 0-20mA)
4-20mA
(OR 0-20mA)
24VDC
TI513-EX
24VDC
18-32VDC
4-20mA
(OR 0-20mA)
0-10V
(OR 2-10V)
24VDC
TI613-EX
24VDC
18-32VDC
4-20mA
(OR 0-20mA)
0-5V
(OR 1-5V)
24VDC
ELECTRICAL CHARACTERISTICS
Power Supply
18-32VDC
Power Dissipation
About 2.0W
Power Supply
Data
Power Protection
Reverse protection
Input Signal
4-20mA(OR 0-20mA)
Input Impedance
Voltage drop about<2V(At input=20mA)
Overload
<60mA
≤26VDC(Open circuit)
Hazardous area
Power distribution
voltage
≥18VDC(AT output=20mA)
Output Signal
See above
≤500Ω(At output=20mA)
Overload
>1K
Ω(At input=Voltage)
Communication interface
RS485 physical bus interface
Safe area
Communication protocol
Modbus digital bus
TRANSMISSION CHARACTERISTICS
Offset
0.1%F.S.
Gain Error
0.1%F.S.
Plus error
0.1%F.S.
Temperature Drift
0.0035%F.S./℃ (-20℃ ~ +60℃)
ISOLATION CHARACTERISTICS
Galvanic Isolation
Isolation among input, output and power supply
Isolation Voltage
2.5KVDC(Tested for 1minute and 1mA max, humidity < 70%)
Surge resist
5KV 1.2/50us (Based on IEC255-4)
EMC
IEC61326.1-2005
STANDARDS & CERTIFICATIONS
Explosion protection
Certification mark
[Exia]IIC
Explosion protection
Certification parameters
11-12: Um:250Vrms, Uo:26.5V, Io:112 mA, Po:742 mW
Co:0.07
μF, Lo:2.4 mH
9-10: Um:250Vrms, Uo:10.5VDC, Io:---
DESCRIPTION
Analog signal isolating detection barrier, which
can receive the current output from the hazardous
area, meanwhile it can transmit a standard output
signal to the safe area after isolated. It also
provides isolation power to hazardous area. With a
digital bus interface, the device can provide digital
network output of DCS system, and configure
signal range of input & output, it is an intelligent
product.
FEATURES
●Three port Isolation(input, output, power supply)
● High accuracy (0.1% F.S.)
● High linearity (0.1% F.S.)
● Isolation voltage(2500VDC/60S)
● Low temperature drift(35PPM/℃)
● Modbus digital bus
● Input & output range programmable
● High reliability(MTBF>500,000 hours)
MODEL SELECTION
T xxxx-EX
Explosion prot ection certif icat ion mark
Isolat ion power output
Power suppply
Signal out put
Signal input
I solation amplif ier
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial
District, Guangzhou, China
Tel: 86-20-38601850
Fax:86-20-38601272
Http://www.mornsun-power.com
Certified by: CHINA NATIONAL QUALITY SUPERVISION AND TEST CENTRE FOR
EXPLOSION PROTECTED ELECTRICAL PRODUCTS
NO:CNEx08.1565


Similar Description - TII13-EX

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TA100W-EX-11 MORNSUN-TA100W-EX-11 Datasheet
1Mb / 5P
   ULTRA-THIN ANALOG SIGNAL OUTPUT DETECTION SAFETY BARRIER
logo
Cynergy3 Co
SC-SLIMCON6 CYNERGY3-SC-SLIMCON6 Datasheet
105Kb / 1P
   Isolating Signal Converter
SC-DUALCON3 CYNERGY3-SC-DUALCON3 Datasheet
172Kb / 1P
   Isolating Signal Converter - 2 Outputs
logo
MORNSUN Science& Techno...
TSX00-EX MORNSUN-TSX00-EX Datasheet
453Kb / 3P
   Isolating / Safety Switching Barrier
TSX01-EX MORNSUN-TSX01-EX Datasheet
461Kb / 3P
   Isolating / Safety Switching Barrier
logo
Cynergy3 Co
SC-ISOCON6 CYNERGY3-SC-ISOCON6 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
SC-DUALCON6 CYNERGY3-SC-DUALCON6 Datasheet
172Kb / 1P
   Isolating Signal Converter - 2 Outputs
SC-ISOCON3 CYNERGY3-SC-ISOCON3 Datasheet
190Kb / 1P
   3 Port Isolating Signal Converter
logo
MORNSUN Science& Techno...
SW2001-EX MORNSUN-SW2001-EX Datasheet
68Kb / 2P
   SW20XX-EX Isolating Switching Barrier
T1133B MORNSUN-T1133B Datasheet
68Kb / 2P
   Active Single channel Analog signal Isolation barrier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com