Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-LXFT1206SGD-TR Datasheet(PDF) 1 Page - LUMEX INC.

Part # SML-LXFT1206SGD-TR
Description  3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LXFT1206SGD-TR Datasheet(HTML) 1 Page - LUMEX INC.

  SML-LXFT1206SGD-TR Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SML-LXFT1206SGD-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LXFT1206SIC-TR LUMEX-SML-LXFT1206SIC-TR Datasheet
91Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206SIC-TR LUMEX-SML-LXFT1206SIC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
SML-LXFT1206SOC-TR LUMEX-SML-LXFT1206SOC-TR Datasheet
57Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206SOC-TR LUMEX-SML-LXFT1206SOC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
SML-LXFT1206SRC-TR LUMEX-SML-LXFT1206SRC-TR Datasheet
57Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
More results

Similar Description - SML-LXFT1206SGD-TR

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LXFT1206SIC-TR LUMEX-SML-LXFT1206SIC-TR Datasheet
91Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206SUGCTR LUMEX-SML-LXFT1206SUGCTR Datasheet
91Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206YD-TR LUMEX-SML-LXFT1206YD-TR Datasheet
91Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206USBCTR LUMEX-SML-LXFT1206USBCTR Datasheet
95Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206UPGCTR LUMEX-SML-LXFT1206UPGCTR Datasheet
94Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206ID-TR LUMEX-SML-LXFT1206ID-TR Datasheet
91Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206SOC-TR LUMEX-SML-LXFT1206SOC-TR Datasheet
57Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206SRC-TR LUMEX-SML-LXFT1206SRC-TR Datasheet
57Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR Datasheet
91Kb / 1P
   3.2mm x 1.6mm ULTRA THIN SURFACE MOUNT LED
SML-LXFT1206SRC-TR LUMEX-SML-LXFT1206SRC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com