Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMH350VSN822MR30T Datasheet(PDF) 5 Page - United Chemi-Con, Inc.

Part # ESMH350VSN822MR30T
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMH350VSN822MR30T Datasheet(HTML) 5 Page - United Chemi-Con, Inc.

  ESMH350VSN822MR30T Datasheet HTML 1Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 2Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 3Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 4Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 5Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 6Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 7Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 8Page - United Chemi-Con, Inc. ESMH350VSN822MR30T Datasheet HTML 9Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
10 Volts
13 Volts Surge
6.3 Volts
8 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5/15
SMH Series
Engineering Bulletin Mar 07
15,000
ESMH6R3VSN153MP25T
22
25
P25
0.066
2.44
18,000
ESMH6R3VSN183MP30T
22
30
P30
0.055
2.67
22,000
ESMH6R3VSN223MP30T
22
30
P30
0.045
3.06
27,000
ESMH6R3VSN273MP35T
22
35
P35
0.037
3.49
33,000
ESMH6R3VSN333MP40T
22
40
P40
0.03
3.97
39,000
ESMH6R3VSN393MP50T
22
50
P50
0.026
4.55
18,000
ESMH6R3VSN183MQ25T
25.4
25
Q25
0.055
2.7
22,000
ESMH6R3VSN223MQ25T
25.4
25
Q25
0.045
3.07
27,000
ESMH6R3VSN273MQ30T
25.4
30
Q30
0.037
3.52
33,000
ESMH6R3VSN333MQ35T
25.4
35
Q35
0.03
4.02
39,000
ESMH6R3VSN393MQ40T
25.4
40
Q40
0.026
4.5
47,000
ESMH6R3VSN473MQ45T
25.4
45
Q45
0.021
5.09
56,000
ESMH6R3VSN563MQ50T
25.4
50
Q50
0.018
5.71
27,000
ESMH6R3VSN273MR25T
30
25
R25
0.037
3.57
33,000
ESMH6R3VSN333MR25T
30
25
R25
0.03
3.95
39,000
ESMH6R3VSN393MR30T
30
30
R30
0.026
4.45
47,000
ESMH6R3VSN473MR35T
30
35
R35
0.021
5.06
56,000
ESMH6R3VSN563MR40T
30
40
R40
0.018
5.7
68,000
ESMH6R3VSN683MR45T
30
45
R45
0.015
6.48
82,000
ESMH6R3VSN823MR50T
30
50
R50
0.012
7.32
39,000
ESMH6R3VSN393MA25T
35
25
A25
0.026
4.51
47,000
ESMH6R3VSN473MA30T
35
30
A30
0.021
5.01
56,000
ESMH6R3VSN563MA30T
35
30
A30
0.018
5.77
68,000
ESMH6R3VSN683MA35T
35
35
A35
0.015
6.42
82,000
ESMH6R3VSN823MA40T
35
40
A40
0.012
7.29
100,000
ESMH6R3VSN104MA45T
35
45
A45
0.01
8.31
150,000
ESMH6R3VSN154MA63T
35
63
A63
0.01
10.91
180,000
ESMH6R3VSN184MA80T
35
80
A80
0.009
12.78
56,000
ESMH6R3VQT563MB25T
40
25
B25
0.027
5.48
82,000
ESMH6R3VQT823MB30T
40
30
B30
0.02
6.94
100,000
ESMH6R3VQT104MB35T
40
35
B35
0.017
7.95
120,000
ESMH6R3VQT124MB40T
40
40
B40
0.014
8.97
150,000
ESMH6R3VQT154MB50T
40
50
B50
0.012
10.66
220,000
ESMH6R3VQT224MB63T
40
63
B63
0.009
13.79
270,000
ESMH6R3VQT274MB80T
40
80
B80
0.008
16.62
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
12,000
ESMH100VSN123MP25T
22
25
P25
0.069
2.39
15,000
ESMH100VSN153MP30T
22
30
P30
0.055
2.76
18,000
ESMH100VSN183MP35T
22
35
P35
0.046
3.12
22,000
ESMH100VSN223MP40T
22
40
P40
0.038
3.55
27,000
ESMH100VSN273MP45T
22
45
P45
0.031
4.04
33,000
ESMH100VSN333MP50T
22
50
P50
0.025
4.58
15,000
ESMH100VSN153MQ25T
25.4
25
Q25
0.055
2.77
18,000
ESMH100VSN183MQ25T
25.4
25
Q25
0.046
3.04
22,000
ESMH100VSN223MQ30T
25.4
30
Q30
0.038
3.48
27,000
ESMH100VSN273MQ35T
25.4
35
Q35
0.031
3.98
33,000
ESMH100VSN333MQ40T
25.4
40
Q40
0.025
4.54
39,000
ESMH100VSN393MQ45T
25.4
45
Q45
0.021
5.08
47,000
ESMH100VSN473MQ50T
25.4
50
Q50
0.018
5.73
22,000
ESMH100VSN223MR25T
30
25
R25
0.038
3.53
27,000
ESMH100VSN273MR30T
30
30
R30
0.031
3.73
33,000
ESMH100VSN333MR30T
30
30
R30
0.025
4.13
39,000
ESMH100VSN393MR35T
30
35
R35
0.021
5.05
47,000
ESMH100VSN473MR40T
30
40
R40
0.018
5.72
56,000
ESMH100VSN563MR45T
30
45
R45
0.015
6.44
27,000
ESMH100VSN273MA25T
35
25
A25
0.031
3.73
33,000
ESMH100VSN333MA25T
35
25
A25
0.025
4.13
39,000
ESMH100VSN393MA30T
35
30
A30
0.021
4.8
47,000
ESMH100VSN473MA30T
35
30
A30
0.018
5.27
56,000
ESMH100VSN563MA35T
35
35
A35
0.015
6.38
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMH350VSN822MR30T

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMH350VSN822MR30T CHEMI-CON-ESMH350VSN822MR30T Datasheet
182Kb / 15P
   Snap Mount
ESMH350VSN822MR30T CHEMI-CON-ESMH350VSN822MR30T Datasheet
182Kb / 15P
   Snap Mount
More results

Similar Description - ESMH350VSN822MR30T

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com