Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THA4027055G Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # THA4027055G
Description  TCVCXO Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

THA4027055G Datasheet(HTML) 2 Page - Pletronics, Inc.

  THA4027055G Datasheet HTML 1Page - Pletronics, Inc. THA4027055G Datasheet HTML 2Page - Pletronics, Inc. THA4027055G Datasheet HTML 3Page - Pletronics, Inc. THA4027055G Datasheet HTML 4Page - Pletronics, Inc. THA4027055G Datasheet HTML 5Page - Pletronics, Inc. THA4027055G Datasheet HTML 6Page - Pletronics, Inc. THA4027055G Datasheet HTML 7Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THA4 Series
TCVCXO Oscillator
February 2009
www.pletronics.com
425-776-1880
2
Part Number:
THA4
031
035
G
H
015
008
-40.0M
-XX
Internal code or blank
Nominal Frequency in MHZ
Pullability in ppm (Vcontrol)
000 = TCXO only
008 = +
_ 8 ppm minimum
015 = +
_ 15 ppm minimum
Stability in ppm
001 = +
_ 0.1 ppm
010 = +
_ 1 ppm
002 = +
_ 0.2 ppm
015 = +
_ 1.5 ppm
005 = +
_ 0.5 ppm
025 = +
_ 2.5 ppm
007 = +
_ 0.7 ppm
Highest Specified Operating Temperature
A = +40
oC
E = +60
oC
J = +80
oC
B = +45
oC
F = +65
oC K = +85oC
C = +50
oC
G = +70
oC
D = +55
oC
H = +75
oC
Lowest Specified Operating Temperature
A = +10
oC
E = -10
oC
J = -30
oC
B = +5
oC
F = -15
oC
K = -35
oC
C = +0
oC
G = -20
oC
L = -40
oC
D = -5
oC
H = -25
oC
M = -45
oC
Highest Supply Voltage*
055 = 5.5 volts
035 = 3.5 volts
036 = 3.6 volts
030 = 3.0 volts
Lowest Supply Voltage *
045 = 4.5 volts
031 = 3.1 volts
030 = 3.0 volts
027 = 2.7 volts
Series (Part Type, Logic & Package)
* Supply Voltage: Select range between 2.7V and 5.5V with ratio of Highest / Lowest < 1.20
For Example: the part number for 3.3V nominal could be TCA4030036.........
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101


Similar Part No. - THA4027055G

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
THA402M040AC0C CDE-THA402M040AC0C Datasheet
471Kb / 7P
   High Energy Density, REACH and RoHS Compliant
More results

Similar Description - THA4027055G

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TCE4029026A PLETRONICS-TCE4029026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com