Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTACB801V104SHLGZ0 Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # FTACB801V104SHLGZ0
Description  ELECTRONIC EQUIPMENT FILM CAPACITOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

FTACB801V104SHLGZ0 Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  FTACB801V104SHLGZ0 Datasheet HTML 1Page - United Chemi-Con, Inc. FTACB801V104SHLGZ0 Datasheet HTML 2Page - United Chemi-Con, Inc. FTACB801V104SHLGZ0 Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRONIC EQUIPMENT FILM CAPACITOR
CAT. No. E1003E
@Maximum operating temperature 105C.
@Allowable temperature rise 15K max.
@A little hum is produced when applied AC voltage.
?SPECIFICATIONS
Category temperature range
Rated voltage range
Capacitance tolerance
Voltage proof
(Terminal - Terminal)
Dissipation factor
(tanE)
Insulation resistance
(Terminal - Terminal)
Endurance
Loading under damp
heat
Items
Characteristics
250
100
315
100
400
100
630
500
800
500
-40 to +105C
250 to 800Vdc
P5% (J) or P10%(K)
No degradation, at 150% of rated voltage shall be applied for 60 seconds.
No more than 0.05% : Equal or less than 1MF.
No more than (cB0.015+0.05)% : More than 1MF.
No less than 30000MO : Equal or less than 0.33MF.
No less than 10000OF : More than 0.33MF.
Rated voltage (Vdc)
Measurement voltage (Vdc)
The following specifications shall be satisfied, after 1000hrs with applying rated voltageB125% at 105C.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
The following specifications shall be satisfied, after 500hrs with applying rated voltage at 40C 90K95%RH.
Appearance
Insulation resistance
(Terminal - Terminal)
Dissipation factor (tanE)
Capacitance change
No serious degradation
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.33MF.
No more than initial specification at 1kHz.
Within P5% of initial value.
No serious degradation.
No less than 10000MO : Equal or less than 0.33MF.
No less than 3000OF : More than 0.3MF.
No more than initial specification at 1kHz.
Within P5% of initial value.
?STANDARD RATINGS
250
315
TACB2E334S
TACB2E394S
TACB2E474S
TACB2E564S
TACB2E684S
TACB2E824S
TACB2E105S
TACB2E125S
TACB2E155S
TACB2E185S
TACB2E225S
TACB2E275S
TACB2E335S
TACB2E395S
TACB2E475S
TACB2E565S
TACB2E685S
TACB2E825S
TACB2E106S
TACB2E126S
TACB2E156S
TACB2E186S
TACB2E226S
TACB2F224S
TACB2F274S
TACB2F334S
TACB2F394S
TACB2F474S
TACB2F564S
TACB2F684S
TACB2F824S
TACB2F105S
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
12
15
18
22
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
16.2
18.2
23.2
28.2
43.2
16.2
18.2
8.6
9.2
9.7
10.3
11.1
11.9
12.9
12.9
14.1
15.2
14.5
15.7
17.1
18.4
20.0
19.3
21.0
22.1
25.2
27.3
24.2
26.3
28.9
8.7
9.3
10.0
10.7
11.4
12.1
13.2
13.2
14.4
8.3
8.8
9.3
9.8
10.6
11.4
12.3
12.3
13.5
14.5
13.8
15.0
16.3
17.5
19.0
18.4
20.0
21.9
24.0
26.0
23.1
25.1
27.5
8.3
9.0
9.6
10.2
10.9
11.6
12.6
12.6
13.7
10.0
12.5
17.5
22.5
37.5
10.0
12.5
0.8
1.0
0.8
3.08
3.34
3.67
4.01
4.42
4.85
5.35
5.03
5.63
6.17
5.04
5.58
6.17
6.71
7.36
6.38
7.03
7.72
8.52
9.34
6.45
7.07
7.81
2.81
3.11
3.44
3.74
4.10
4.48
4.94
4.65
5.14
125
150
FTACB251V334SDLCZ0
FTACB251V394SDLCZ0
FTACB251V474SDLCZ0
FTACB251V564SDLCZ0
FTACB251V684SDLCZ0
FTACB251V824SDLCZ0
FTACB251V105SDLCZ0
FTACB251V125SHLGZ0
FTACB251V155SHLGZ0
FTACB251V185SHLGZ0
FTACB251V225SELHZ0
FTACB251V275SELHZ0
FTACB251V335SELHZ0
FTACB251V395SELHZ0
FTACB251V475SELHZ0
FTACB251V565SFLEZ0
FTACB251V685SFLEZ0
FTACB251V825SFLEZ0
FTACB251V106SFLEZ0
FTACB251V126SFLEZ0
FTACB251V156STLJZ0
FTACB251V186STLJZ0
FTACB251V226STLJZ0
FTACB3B1V224SDLCZ0
FTACB3B1V274SDLCZ0
FTACB3B1V334SDLCZ0
FTACB3B1V394SDLCZ0
FTACB3B1V474SDLCZ0
FTACB3B1V564SDLCZ0
FTACB3B1V684SDLCZ0
FTACB3B1V824SHLGZ0
FTACB3B1V105SHLGZ0
WV
(Vdc)
Cap
(mF)
Maximum
ripple current
(Arms)
Dimensions (mm)
WH
T
F
fd
WV
(Vac)
Part Number
Previous Part Number
(Just for your reference)
(1)The symbol “S” is Capacitance tolerance code. (J : P5%, K : P10%)
(2)The maximum ripple current : +85C max., 100kHz, sine wave
(3)WV(Vac) : 50Hz or 60Hz, sine wave
(1/3)


Similar Part No. - FTACB801V104SHLGZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FTACC102V105SRLFZ0 CHEMI-CON-FTACC102V105SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V125SRLFZ0 CHEMI-CON-FTACC102V125SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V155SRLFZ0 CHEMI-CON-FTACC102V155SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V185STLJZ0 CHEMI-CON-FTACC102V185STLJZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC102V225SULWZ0 CHEMI-CON-FTACC102V225SULWZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
More results

Similar Description - FTACB801V104SHLGZ0

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
FDLDA801V102HGLBM0 CHEMI-CON-FDLDA801V102HGLBM0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACD631V473J0LGZ0 CHEMI-CON-FHACD631V473J0LGZ0 Datasheet
41Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FDADC251V103JGLBM0 CHEMI-CON-FDADC251V103JGLBM0 Datasheet
37Kb / 2P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FHACB631V333 CHEMI-CON-FHACB631V333 Datasheet
43Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACD251V824SDLCZ0 CHEMI-CON-FTACD251V824SDLCZ0 Datasheet
42Kb / 3P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
FTACC451V565SRLFZ0 CHEMI-CON-FTACC451V565SRLFZ0 Datasheet
27Kb / 1P
   ELECTRONIC EQUIPMENT FILM CAPACITOR
logo
OSRAM GmbH
LTQ39E OSRAM-LTQ39E_18 Datasheet
1Mb / 22P
   Electronic Equipment
LOQ976 OSRAM-LOQ976_18 Datasheet
1Mb / 20P
   Electronic Equipment
LWQH8G OSRAM-LWQH8G Datasheet
1Mb / 23P
   Electronic Equipment
LTQH9G OSRAM-LTQH9G_18 Datasheet
1Mb / 22P
   Electronic Equipment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com