Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCE4031031K Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # TCE4031031K
Description  TCVCXO Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

TCE4031031K Datasheet(HTML) 3 Page - Pletronics, Inc.

  TCE4031031K Datasheet HTML 1Page - Pletronics, Inc. TCE4031031K Datasheet HTML 2Page - Pletronics, Inc. TCE4031031K Datasheet HTML 3Page - Pletronics, Inc. TCE4031031K Datasheet HTML 4Page - Pletronics, Inc. TCE4031031K Datasheet HTML 5Page - Pletronics, Inc. TCE4031031K Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TCE4 Series
TCVCXO Oscillator
December 2008
www.pletronics.com
425-776-1880
3
Electrical Specification for specified Vcc range of 2.3V through 3.7V with a
variation of ±5% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
10
-
40
MHZ
Frequency Accuracy Range
1
-2.5
-0.5
-+2.5
+0.5
ppm
Vcontrol 1.50 volts if used
2
Frequency setting
-2
0
+2
ppm
Vcontrol 1.50 volts at 25
oC
Frequency Stability vs. Supply
-0.2
0
+0.2
ppm
Load: 10K ohm // 10 pF & Vcc +
_ 5%
Frequency Stability vs. Load
-0.2
0
+0.2
ppm
Load: 10K ohm // 10 pF +
_ 5%
Output Waveform
Clipped Sinewave
Output Level
0.8
-
1.1
V p-p
Load: 10K ohm +
_ 10% // 10 pF +
_ 10%
Phase Noise
100 Hz
1 KHz
10 KHz
100 KHz
-
-
-
-
-110
-130
-145
-145
-
-
-
-
dBc/Hz
V Supply Range
1
V
CC
2.3
-
3.7
Volts
Supply Current
I
CC
--
2.0
mA
Aging
-1.0
-
+1.0
ppm
Per year at 25
oC
Vcontrol Range
0.5
-
2.50
Volts
1.50 volts nominal
Frequency Pullability
1
-5
±3
+5
ppm
Operating Temperature Range
1
-30
+85
oC
Storage Temperature Range
-55
+95
oC
1 Specified by part number
2
For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A


Similar Part No. - TCE4031031K

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCE TAITRON-TCE Datasheet
310Kb / 4P
   Chip Aluminum Electrolytic Capacitor
logo
MKS Instruments.
TCE-20 MKS-TCE-20 Datasheet
254Kb / 2P
   CALIBRATION, VOLTAGE MONITORING & TROUBLESHOOTING
logo
Exxelia Group
TCE-TCX-TCN-TXR EXXELIA-TCE-TCX-TCN-TXR Datasheet
700Kb / 16P
   Axial Molded Capacitors
revised 11/22
logo
TDK Electronics
TCE0806G TDK-TCE0806G Datasheet
240Kb / 9P
   Common Mode Filters For ultra high-speed differential signal line
TCE0806G-900-2P-T TDK-TCE0806G-900-2P-T Datasheet
240Kb / 9P
   Common Mode Filters For ultra high-speed differential signal line
More results

Similar Description - TCE4031031K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
TCA4029036A PLETRONICS-TCA4029036A Datasheet
134Kb / 7P
   TCVCXO Oscillator
TCF4029026A PLETRONICS-TCF4029026A Datasheet
95Kb / 6P
   TCVCXO Oscillator
THA4027035A PLETRONICS-THA4027035A Datasheet
100Kb / 7P
   TCVCXO Oscillator
TCD4029036A PLETRONICS-TCD4029036A Datasheet
97Kb / 7P
   TCVCXO Oscillator
TBA4045055A PLETRONICS-TBA4045055A Datasheet
99Kb / 7P
   TCVCXO Oscillator
TCD4012 PLETRONICS-TCD4012 Datasheet
94Kb / 6P
   TCVCXO Oscillator
logo
IQD Frequency Products ...
LFTVXO075805 IQD-LFTVXO075805 Datasheet
143Kb / 2P
   TCVCXO
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
   TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
   TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
   TCVCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com