Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV19W-V Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV19W-V
Description  Small Signal Switching Diodes, High Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV19W-V Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV19W-V Datasheet HTML 1Page - Vishay Siliconix BAV19W-V Datasheet HTML 2Page - Vishay Siliconix BAV19W-V Datasheet HTML 3Page - Vishay Siliconix BAV19W-V Datasheet HTML 4Page - Vishay Siliconix BAV19W-V Datasheet HTML 5Page - Vishay Siliconix BAV19W-V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BAV19W-V / 20W-V / 21W-V
Document Number 85725
Rev. 1.2, 22-Jul-05
Vishay Semiconductors
www.vishay.com
1
17431
Small Signal Switching Diodes, High Voltage
Features
• Silicon Epitaxial Planar Diodes
• For general purpose
• These diodes are also available in other
case styles including: the DO-35 case
with the type designations BAV19 to BAV21, the
MiniMELF
case
with
the
type
designations
BAV100 to BAV103, the SOT-23 case with the
type designations BAS19 to BAS21, and the
SOD-323 case with type designations BAV19WS-
V to BAV21WS-V.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOD-123 Plastic case
Weight: approx. 9.3 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Part
Type differentiation
Ordering code
Marking
Remarks
BAV19W-V
VR = 100 V
BAV19W-V-GS18 or BAV19W-V-GS08
A8
Tape and Reel
BAV20W-V
VR = 150 V
BAV20W-V-GS18 or BAV20W-V-GS08
A9
Tape and Reel
BAV21W-V
VR = 200 V
BAV21W-V-GS18 or BAV21W-V-GS08
AA
Tape and Reel
e3


Similar Part No. - BAV19W-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19W-V-G VISHAY-BAV19W-V-G Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV19W-V VISHAY-BAV19W-V_12 Datasheet
94Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 06-Nov-12
More results

Similar Description - BAV19W-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS_12 Datasheet
84Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 02-Aug-12
BAV200 VISHAY-BAV200_12 Datasheet
177Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.7, 31-Jul-12
BAV19WS VISHAY-BAV19WS_17 Datasheet
87Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 2.2, 12-Jul-17
BAS19G VISHAY-BAS19G Datasheet
95Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-Feb-18
BAV19WG VISHAY-BAV19WG Datasheet
111Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.4, 22-Feb-18
BAV19W VISHAY-BAV19W Datasheet
99Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.5, 13-May-13
BAV19W-G VISHAY-BAV19W-G Datasheet
100Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.3, 13-May-13
BAV17 VISHAY-BAV17_12 Datasheet
106Kb / 4P
   Small Signal Switching Diodes, High Voltage
Rev. 1.8, 02-Aug-12
BAV19W-V-G VISHAY-BAV19W-V-G_12 Datasheet
71Kb / 5P
   Small Signal Switching Diodes, High Voltage
Rev. 1.1, 26-Nov-10
BAV301 VISHAY-BAV301 Datasheet
135Kb / 6P
   Small Signal Switching Diodes, High Voltage
Rev. 1.9, 07-Mar-06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com