Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMQ161VSN332MA45S Datasheet(PDF) 7 Page - United Chemi-Con, Inc.

Part # ESMQ161VSN332MA45S
Description  Snap Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

ESMQ161VSN332MA45S Datasheet(HTML) 7 Page - United Chemi-Con, Inc.

  ESMQ161VSN332MA45S Datasheet HTML 1Page - United Chemi-Con, Inc. ESMQ161VSN332MA45S Datasheet HTML 2Page - United Chemi-Con, Inc. ESMQ161VSN332MA45S Datasheet HTML 3Page - United Chemi-Con, Inc. ESMQ161VSN332MA45S Datasheet HTML 4Page - United Chemi-Con, Inc. ESMQ161VSN332MA45S Datasheet HTML 5Page - United Chemi-Con, Inc. ESMQ161VSN332MA45S Datasheet HTML 6Page - United Chemi-Con, Inc. ESMQ161VSN332MA45S Datasheet HTML 7Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
450 Volts
500 Volts Surge
420 Volts
470 Volts Surge
220
ESMQ421VSN221MR25S
30
25
R25
1.507
1.65
270
ESMQ421VSN271MR30S
30
30
R30
1.228
1.94
330
ESMQ421VSN331MR35S
30
35
R35
1.005
2.17
390
ESMQ421VSN391MR35S
30
35
R35
0.85
2.27
470
ESMQ421VSN471MR40S
30
40
R40
0.705
2.61
560
ESMQ421VSN561MR50S
30
50
R50
0.592
2.82
330
ESMQ421VSN331MA30S
35
30
A30
1.005
2.17
390
ESMQ421VSN391MA30S
35
30
A30
0.85
2.27
470
ESMQ421VSN471MA35S
35
35
A35
0.705
2.61
560
ESMQ421VSN561MA40S
35
40
A40
0.592
2.82
680
ESMQ421VSN681MA45S
35
45
A45
0.488
3.11
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/ 7
SMQ Series
Engineering Bulletin Mar 07
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
85 C, 120Hz
82
ESMQ451VSN820MP25S
22
25
P25
4.043
0.83
100
ESMQ451VSN101MP25S
22
25
P25
3.316
0.93
120
ESMQ451VSN121MP30S
22
30
P30
2.763
1.04
150
ESMQ451VSN151MP35S
22
35
P35
2.21
1.19
180
ESMQ451VSN181MP40S
22
40
P40
1.842
1.35
220
ESMQ451VSN221MP45S
22
45
P45
1.507
1.55
270
ESMQ451VSN271MP50S
22
50
P50
1.228
1.78
150
ESMQ451VSN151MP25S
25.4
25
Q25
2.21
1.19
180
ESMQ451VSN181MP30S
25.4
30
Q30
1.842
1.35
220
ESMQ451VSN221MP40S
25.4
40
Q40
1.507
1.55
270
ESMQ451VSN271MP40S
25.4
40
Q40
1.228
1.78
330
ESMQ451VSN331MP50S
25.4
50
Q50
1.005
2.01
220
ESMQ451VSN221MR30S
30
30
R30
1.507
1.55
270
ESMQ451VSN271MR30S
30
30
R30
1.228
1.78
330
ESMQ451VSN331MR40S
30
40
R40
1.005
2.01
390
ESMQ451VSN391MR40S
30
40
R40
0.85
2.24
470
ESMQ451VSN471MR45S
30
45
R45
0.705
2.53
560
ESMQ451VSN561MR50S
30
50
R50
0.592
2.82
220
ESMQ451VSN221MA25S
35
25
A25
1.507
1.55
330
ESMQ451VSN331MA30S
35
30
A30
1.005
2.01
390
ESMQ451VSN391MA35S
35
35
A35
0.85
2.24
470
ESMQ451VSN471MA40S
35
40
A40
0.705
2.53
560
ESMQ451VSN561MA45S
35
45
A45
0.592
2.82
For construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - ESMQ161VSN332MA45S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ESMQ161VSN332MA45S ETC2-ESMQ161VSN332MA45S Datasheet
72Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMQ161VSN332MA45S CHEMI-CON-ESMQ161VSN332MA45S Datasheet
74Kb / 3P
   Downsized snap-ins, 85
More results

Similar Description - ESMQ161VSN332MA45S

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com