Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THM1031035LK044 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # THM1031035LK044
Description  THM1 Series TCXO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

THM1031035LK044 Datasheet(HTML) 1 Page - Pletronics, Inc.

  THM1031035LK044 Datasheet HTML 1Page - Pletronics, Inc. THM1031035LK044 Datasheet HTML 2Page - Pletronics, Inc. THM1031035LK044 Datasheet HTML 3Page - Pletronics, Inc. THM1031035LK044 Datasheet HTML 4Page - Pletronics, Inc. THM1031035LK044 Datasheet HTML 5Page - Pletronics, Inc. THM1031035LK044 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product informatin is current as of publication date. The product conforms
Copyright © 2005, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necesarily include testing of all parameters.
THM1 Series
TCXO
May 2005
• Pletronics’ Temperature Compensated quartz
crystal controlled precision square wave
generator with a CMOS output.
• Greatly reduces RFI and EMI system sensitivity
• Minimizes RFI radiation, eases meeting FCC
Class B emissions standards.
• Tube packaging.
• 10 to 40 MHz
• Full Size Thru-Hole DIP package
Pletronics Inc. certifies this device is in accordance with the
RoHS (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 4.0 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e1 or e2
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +5.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 120
oC/Watt depends on the solder pads, ground plane and
construction of the PCB.


Similar Part No. - THM1031035LK044

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM10 TRACOPOWER-THM10 Datasheet
980Kb / 6P
   DC/DC Medical Converter THM 10 Series, 10 Watt
Rev. November 30, 2022
THM10-0510 TRACOPOWER-THM10-0510 Datasheet
980Kb / 6P
   DC/DC Medical Converter THM 10 Series, 10 Watt
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THM10-0510WI TOUCHSTONE-THM10-0510WI Datasheet
147Kb / 3P
   DC/DC Converters
logo
TRACO Electronic AG
THM10-0510WI TRACOPOWER-THM10-0510WI Datasheet
982Kb / 5P
   DC/DC Medical Converter THM 10WI Series, 10 Watt
Rev. November 30, 2022
THM10-0511 TRACOPOWER-THM10-0511 Datasheet
980Kb / 6P
   DC/DC Medical Converter THM 10 Series, 10 Watt
Rev. November 30, 2022
More results

Similar Description - THM1031035LK044

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-201CA KSS-TCXO-201CA Datasheet
124Kb / 1P
   TCXO, VC-TCXO
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
logo
Advanced Crystal Techno...
SMPT-6 ACT-SMPT-6 Datasheet
741Kb / 3P
   TCXO
08/10/2013
logo
IQD Frequency Products ...
LFTCXO075801 IQD-LFTCXO075801 Datasheet
145Kb / 2P
   TCXO
LFTCXO063715 IQD-LFTCXO063715 Datasheet
491Kb / 2P
   TCXO
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com