Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKY-6R3ESS682MM20S Datasheet(PDF) 3 Page - United Chemi-Con, Inc.

Part # EKY-6R3ESS682MM20S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKY-6R3ESS682MM20S Datasheet(HTML) 3 Page - United Chemi-Con, Inc.

  EKY-6R3ESS682MM20S Datasheet HTML 1Page - United Chemi-Con, Inc. EKY-6R3ESS682MM20S Datasheet HTML 2Page - United Chemi-Con, Inc. EKY-6R3ESS682MM20S Datasheet HTML 3Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
CAT. No. E1001E
?STANDARD RATINGS
?RATED RIPPLE CURRENT MULTIPLIERS
120
0.40
0.50
0.60
0.75
0.85
1k
0.75
0.85
0.87
0.90
0.95
10k
0.90
0.94
0.95
0.95
0.98
100k
1.00
1.00
1.00
1.00
1.00
Capacitance (mF)
Frequency (Hz)
0.47 to 180
220 to 560
680 to 1,800
2,200 to 3,900
4,700 to
@Frequency Multipliers
SS : Lead forming / Taping code
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
35
2200
18 B 25
0.019
0.049
3140
EKY-350ESS222MM25S
2700
16 B 35.5 0.015
0.044
3610
EKY-350ESS272MLP1S
2700
18 B 31.5 0.015
0.040
4170
EKY-350ESS272MMN3S
3300
16 B 40
0.013
0.038
4080
EKY-350ESS332ML40S
3300
18 B 35.5 0.014
0.038
4220
EKY-350ESS332MMP1S
3900
18 B 40
0.012
0.032
4280
EKY-350ESS392MM40S
50
0.47
5 B 11
5.5
22.0
17
EKY-500ESSR47ME11D
1.0
5 B 11
4.0
16.0
30
EKY-500ESS1R0ME11D
2.2
5 B 11
2.5
10.0
43
EKY-500ESS2R2ME11D
3.3
5 B 11
2.2
8.8
53
EKY-500ESS3R3ME11D
4.7
5 B 11
1.9
7.6
88
EKY-500ESS4R7ME11D
10
5 B 11
1.5
6.0
100
EKY-500ESS100ME11D
22
5 B 11
0.70
2.8
180
EKY-500ESS220ME11D
56
6.3 B 11
0.30
1.2
295
EKY-500ESS560MF11D
100
8 B 11.5 0.17
0.68
555
EKY-500ESS101MHB5D
120
8 B 15
0.12
0.48
730
EKY-500ESS121MH15D
150
10 B 12.5 0.12
0.48
760
EKY-500ESS151MJC5S
180
8 B 20
0.091
0.36
910
EKY-500ESS181MH20D
220
10 B 16
0.084
0.34
1050
EKY-500ESS221MJ16S
270
10 B 20
0.060
0.24
1220
EKY-500ESS271MJ20S
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
Impedance
(omax/100kHz)
Rated
ripple
current
(mArms/
105c,
100kHz)
Part No.
20c
-10c
50
270
12.5 B 15
0.061
0.20
1260
EKY-500ESS271MK15S
330
10 B 25
0.055
0.22
1440
EKY-500ESS331MJ25S
470
10 B 30
0.043
0.17
1690
EKY-500ESS471MJ30S
470
12.5 B 20
0.045
0.15
1660
EKY-500ESS471MK20S
470
16 B 15
0.055
0.17
1690
EKY-500ESS471ML15S
560
12.5 B 25
0.034
0.11
1950
EKY-500ESS561MK25S
560
18 B 15
0.054
0.15
1930
EKY-500ESS561MM15S
680
12.5 B 30
0.030
0.10
2310
EKY-500ESS681MK30S
820
12.5 B 35
0.025
0.083
2510
EKY-500ESS821MK35S
820
16 B 20
0.034
0.10
2210
EKY-500ESS821ML20S
1000
12.5 B 40
0.021
0.069
2920
EKY-500ESS102MK40S
1000
16 B 25
0.025
0.075
2555
EKY-500ESS102ML25S
1000
18 B 20
0.036
0.097
2490
EKY-500ESS102MM20S
1200
16 B 31.5 0.022
0.066
3010
EKY-500ESS122MLN3S
1200
18 B 25
0.026
0.070
2740
EKY-500ESS122MM25S
1500
16 B 35.5 0.019
0.057
3150
EKY-500ESS152MLP1S
1800
16 B 40
0.016
0.048
3710
EKY-500ESS182ML40S
1800
18 B 31.5 0.021
0.057
3635
EKY-500ESS182MMN3S
2200
18 B 35.5 0.017
0.046
3680
EKY-500ESS222MMP1S
2700
18 B 40
0.014
0.038
3800
EKY-500ESS272MM40S
(3/3)


Similar Part No. - EKY-6R3ESS682MM20S

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
EKY-6R3E102MH15D NICHICON-EKY-6R3E102MH15D Datasheet
435Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKY-6R3E103MLP1S NICHICON-EKY-6R3E103MLP1S Datasheet
435Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKY-6R3E103MM25S NICHICON-EKY-6R3E103MM25S Datasheet
435Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKY-6R3E122MH20D NICHICON-EKY-6R3E122MH20D Datasheet
435Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKY-6R3E122MJ16S NICHICON-EKY-6R3E122MJ16S Datasheet
435Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKY-6R3ESS682MM20S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com