Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKXG201ESS680MK20S Datasheet(PDF) 2 Page - United Chemi-Con, Inc.

Part # EKXG201ESS680MK20S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKXG201ESS680MK20S Datasheet(HTML) 2 Page - United Chemi-Con, Inc.

  EKXG201ESS680MK20S Datasheet HTML 1Page - United Chemi-Con, Inc. EKXG201ESS680MK20S Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
160 to 450Vdc long life, 105C
CAT. No. E1001E
?STANDARD RATINGS
SS : Lead forming / Taping code
WV
(Vdc)
Cap
(mF)
Case size
fDbL(mm)
tane
Rated ripple current(mArms/105c)
Part No.
120Hz
100kHz
160
10
10 B 16
0.20
125
315
EKXG161ESS100MJ16S
22
10 B 20
0.20
200
500
EKXG161ESS220MJ20S
33
10 B 20
0.20
250
625
EKXG161ESS330MJ20S
47
10 B 20
0.20
300
750
EKXG161ESS470MJ20S
68
12.5 B 20
0.20
470
1175
EKXG161ESS680MK20S
82
12.5 B 20
0.20
510
1275
EKXG161ESS820MK20S
100
12.5 B 25
0.20
620
1395
EKXG161ESS101MK25S
100
16 B 20
0.20
630
1420
EKXG161ESS101ML20S
150
16 B 20
0.20
770
1735
EKXG161ESS151ML20S
220
16 B 25
0.20
1020
2295
EKXG161ESS221ML25S
330
18 B 31.5
0.20
1390
3130
EKXG161ESS331MMN3S
200
10
10 B 16
0.20
125
315
EKXG201ESS100MJ16S
22
10 B 20
0.20
200
500
EKXG201ESS220MJ20S
33
10 B 20
0.20
260
650
EKXG201ESS330MJ20S
47
12.5 B 20
0.20
390
975
EKXG201ESS470MK20S
68
12.5 B 20
0.20
470
1175
EKXG201ESS680MK20S
82
16 B 20
0.20
550
1375
EKXG201ESS820ML20S
100
16 B 20
0.20
630
1420
EKXG201ESS101ML20S
150
16 B 25
0.20
840
1890
EKXG201ESS151ML25S
220
18 B 25
0.20
1050
2365
EKXG201ESS221MM25S
330
18 B 35.5
0.20
1430
3220
EKXG201ESS331MMP1S
250
10
10 B 20
0.20
140
350
EKXG251ESS100MJ20S
22
10 B 20
0.20
200
500
EKXG251ESS220MJ20S
33
12.5 B 20
0.20
320
800
EKXG251ESS330MK20S
47
12.5 B 20
0.20
390
975
EKXG251ESS470MK20S
68
16 B 20
0.20
520
1300
EKXG251ESS680ML20S
82
16 B 20
0.20
550
1375
EKXG251ESS820ML20S
100
16 B 25
0.20
680
1530
EKXG251ESS101ML25S
150
18 B 25
0.20
860
1935
EKXG251ESS151MM25S
220
18 B 31.5
0.20
1130
2545
EKXG251ESS221MMN3S
350
6.8
10 B 16
0.24
110
275
EKXG351ESS6R8MJ16S
10
10 B 20
0.24
140
350
EKXG351ESS100MJ20S
22
12.5 B 20
0.24
260
650
EKXG351ESS220MK20S
33
16 B 20
0.24
360
900
EKXG351ESS330ML20S
47
16 B 20
0.24
430
1075
EKXG351ESS470ML20S
68
16 B 25
0.24
560
1400
EKXG351ESS680ML25S
68
18 B 20
0.24
550
1375
EKXG351ESS680MM20S
82
18 B 25
0.24
610
1525
EKXG351ESS820MM25S
100
18 B 25
0.24
700
1575
EKXG351ESS101MM25S
120
18 B 31.5
0.24
830
1865
EKXG351ESS121MMN3S
150
18 B 35.5
0.24
960
2160
EKXG351ESS151MMP1S
400
6.8
10 B 16
0.24
110
275
EKXG401ESS6R8MJ16S
10
10 B 20
0.24
140
350
EKXG401ESS100MJ20S
15
12.5 B 20
0.24
220
550
EKXG401ESS150MK20S
22
12.5 B 20
0.24
260
650
EKXG401ESS220MK20S
33
16 B 20
0.24
360
900
EKXG401ESS330ML20S
47
16 B 25
0.24
470
1175
EKXG401ESS470ML25S
47
18 B 20
0.24
450
1125
EKXG401ESS470MM20S
68
18 B 25
0.24
585
1465
EKXG401ESS680MM25S
82
18 B 25
0.24
610
1525
EKXG401ESS820MM25S
100
18 B 31.5
0.24
765
1720
EKXG401ESS101MMN3S
120
18 B 35.5
0.24
865
1945
EKXG401ESS121MMP1S
150
18 B 40
0.24
985
2215
EKXG401ESS151MM40S
450
6.8
10 B 20
0.24
110
275
EKXG451ESS6R8MJ20S
10
12.5 B 20
0.24
180
450
EKXG451ESS100MK20S
15
12.5 B 25
0.24
240
600
EKXG451ESS150MK25S
22
16 B 20
0.24
290
725
EKXG451ESS220ML20S
33
16 B 25
0.24
390
975
EKXG451ESS330ML25S
33
18 B 20
0.24
380
950
EKXG451ESS330MM20S
47
18 B 25
0.24
480
1200
EKXG451ESS470MM25S
68
18 B 31.5
0.24
630
1575
EKXG451ESS680MMN3S
82
18 B 35.5
0.24
715
1785
EKXG451ESS820MMP1S
100
18 B 40
0.24
800
1800
EKXG451ESS101MM40S
(2/2)


Similar Part No. - EKXG201ESS680MK20S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKXG201E CHEMI-CON-EKXG201E Datasheet
367Kb / 2P
   160 to 450Vdc long life, 105?
logo
List of Unclassifed Man...
EKXG201ELL100MJ16S ETC2-EKXG201ELL100MJ16S Datasheet
91Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG201ELL101ML20S ETC2-EKXG201ELL101ML20S Datasheet
91Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG201ELL151ML25S ETC2-EKXG201ELL151ML25S Datasheet
91Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXG201ELL220MJ20S ETC2-EKXG201ELL220MJ20S Datasheet
91Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKXG201ESS680MK20S

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
BXC RUBYCON-BXC_1 Datasheet
261Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
NSKV RUBYCON-NSKV Datasheet
50Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
AXW RUBYCON-AXW Datasheet
47Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
ZLJ RUBYCON-ZLJ Datasheet
251Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
50ML20 RUBYCON-50ML20 Datasheet
344Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRSS101M16V5X11F NIC-NRSS101M16V5X11F Datasheet
303Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EKMG350ELL472MMP1S CHEMI-CON-EKMG350ELL472MMP1S Datasheet
60Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
RUBYCON CORPORATION
50YXF47MEFC63X11 RUBYCON-50YXF47MEFC63X11 Datasheet
73Kb / 7P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NRELS NIC-NRELS Datasheet
87Kb / 2P
   Miniature Aluminum Electrolytic Capacitors
NRWPC NIC-NRWPC Datasheet
116Kb / 6P
   Miniature Aluminum Electrolytic Capacitors
NLEL NIC-NLEL Datasheet
285Kb / 5P
   Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com