Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7745MV Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # SM7745MV
Description  3.3 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7745MV Datasheet(HTML) 6 Page - Pletronics, Inc.

  SM7745MV Datasheet HTML 1Page - Pletronics, Inc. SM7745MV Datasheet HTML 2Page - Pletronics, Inc. SM7745MV Datasheet HTML 3Page - Pletronics, Inc. SM7745MV Datasheet HTML 4Page - Pletronics, Inc. SM7745MV Datasheet HTML 5Page - Pletronics, Inc. SM7745MV Datasheet HTML 6Page - Pletronics, Inc. SM7745MV Datasheet HTML 7Page - Pletronics, Inc. SM7745MV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM77M Series 3.3 V
CMOS Clock Oscillators
Feb 2008
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.276 +_0.006
7.00 +_0.15
B
0.197 +_0.006
5.00 +_0.15
C
0.068 +_0.018
1.73 +_0.44
D1
0.038
0.96
E1
0.200
5.08
F1
0.004
0.10
G1
0.050
1.27
H1
0.055
1.40
Not to Scale
1 Typical dimensions
I1
0.024
0.60
J1
0.004
0.10R
K1
0.008
0.020R
Contacts :
Gold 11.8 μinches
0.3 μm minimum over Nickel 50 to 350 μinches
1.27 to 8.89 μm
Pad
Function
Note
1
Output
Enable/Disable
When this pin is not connected the oscillator shall operate.
When this pin is logic low the output will be inhibited (high impedance state.)
Recommend connecting this pin to V
CC if the oscillator is to be always on.
2
Ground (GND)
3
Output
4
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.
Layout and application information
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


Similar Part No. - SM7745MV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745M PLETRONICS-SM7745M Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745MEW PLETRONICS-SM7745MEW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745MW PLETRONICS-SM7745MW Datasheet
149Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM7745MV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645HEV PLETRONICS-SM7645HEV Datasheet
203Kb / 9P
   3.3 V CMOS Clock Oscillators
SQ3345DESV PLETRONICS-SQ3345DESV Datasheet
135Kb / 7P
   3.3 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com