Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7745HX Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # SM7745HX
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7745HX Datasheet(HTML) 1 Page - Pletronics, Inc.

  SM7745HX Datasheet HTML 1Page - Pletronics, Inc. SM7745HX Datasheet HTML 2Page - Pletronics, Inc. SM7745HX Datasheet HTML 3Page - Pletronics, Inc. SM7745HX Datasheet HTML 4Page - Pletronics, Inc. SM7745HX Datasheet HTML 5Page - Pletronics, Inc. SM7745HX Datasheet HTML 6Page - Pletronics, Inc. SM7745HX Datasheet HTML 7Page - Pletronics, Inc. SM7745HX Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2006, 2007, 2008 Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM77H Series 1.8V
CMOS Clock Oscillators
May 2008
• Pletronics’ SM77H Series is a quartz crystal
controlled precision square wave generator with a
CMOS output.
• The package is designed for high density surface
mount designs.
• This is a low cost mass produced oscillator.
• Tape and Reel or cut tape packaging is available.
• 0.8 to 70 MHz
• 5 x 7 mm LCC Ceramic Package
• Enable/Disable
• Disable function includes low standby power
mode
• Low Jitter
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.17 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +7.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo
Output Voltage
-0.5V to V
CC + 0.5V
Io
Output Current
+25 mA to -25 mA
Thermal Characteristics
The maximum die or junction temperature is 155
oC
The thermal resistance junction to board is 30 to 50
oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - SM7745HX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM7745H ETC1-SM7745H Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Pletronics, Inc.
SM7745H PLETRONICS-SM7745H Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM7745HE ETC1-SM7745HE Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Pletronics, Inc.
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
More results

Similar Description - SM7745HX

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
Pletronics, Inc.
SQ3345DESX PLETRONICS-SQ3345DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
SM5545TX-750M-T250 PLETRONICS-SM5545TX-750M-T250 Datasheet
110Kb / 8P
   SM55T Series 1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com