Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7745HEX Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM7745HEX
Description  1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7745HEX Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7745HEX Datasheet HTML 1Page - Pletronics, Inc. SM7745HEX Datasheet HTML 2Page - Pletronics, Inc. SM7745HEX Datasheet HTML 3Page - Pletronics, Inc. SM7745HEX Datasheet HTML 4Page - Pletronics, Inc. SM7745HEX Datasheet HTML 5Page - Pletronics, Inc. SM7745HEX Datasheet HTML 6Page - Pletronics, Inc. SM7745HEX Datasheet HTML 7Page - Pletronics, Inc. SM7745HEX Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM77H Series 1.8 V
CMOS Clock Oscillators
May 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
2.0
5.0
nS
< 35 MHz
C
LOAD = 15 pF
20% to 80% of V
CC
See Load Circuit
1.7
3.5
nS
> 35 MHz
4.0
10.0
nS
< 35 MHz
C
LOAD = 30 pF
20% to 80% of V
CC
See Load Circuit
2.0
7.0
nS
> 35 MHz
V
CC Supply Current (ICC)-
4
mA
< 8 MHz
C
LOAD = 15 pF
-5
mA
> 8 MHz and < 16 MHz
-7
mA
> 16 MHz and < 35 MHz
-18
mA
> 35 MHz
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M


Similar Part No. - SM7745HEX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM7745HE ETC1-SM7745HE Datasheet
76Kb / 2P
   CMOS COMPATIBLE WITH TRI-STATE OUTPUT
logo
Pletronics, Inc.
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM7745HEX

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
Pletronics, Inc.
SQ3345DESX PLETRONICS-SQ3345DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
SM5545TX-750M-T250 PLETRONICS-SM5545TX-750M-T250 Datasheet
110Kb / 8P
   SM55T Series 1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com