Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-LX1610UPGC Datasheet(PDF) 1 Page - LUMEX INC.

Part # SML-LX1610UPGC
Description  10.60 x 10mm HIGH POWER LED, 525nm GREEN LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SML-LX1610UPGC Datasheet(HTML) 1 Page - LUMEX INC.

  SML-LX1610UPGC Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SML-LX1610UPGC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SML-LX1610UPGC ETC2-SML-LX1610UPGC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
logo
LUMEX INC.
SML-LX1610UPGC+A LUMEX-SML-LX1610UPGC+A Datasheet
59Kb / 1P
   10.60 x 10nm HIGH POWER LED, 525nm GREEN LED
SML-LX1610UPGC-A LUMEX-SML-LX1610UPGC-A Datasheet
60Kb / 1P
   10.60 x 10mm HIGH POWER LED, 525mm GREEN LED
logo
List of Unclassifed Man...
SML-LX1610UPGC/A ETC2-SML-LX1610UPGC/A Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
SML-LX1610UPGCA ETC2-SML-LX1610UPGCA Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
More results

Similar Description - SML-LX1610UPGC

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SML-LX1610UPGC+A LUMEX-SML-LX1610UPGC+A Datasheet
59Kb / 1P
   10.60 x 10nm HIGH POWER LED, 525nm GREEN LED
logo
List of Unclassifed Man...
SML-LX1610UPGCA ETC2-SML-LX1610UPGCA Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
logo
LUMEX INC.
SML-LX1610UPGC-A LUMEX-SML-LX1610UPGC-A Datasheet
60Kb / 1P
   10.60 x 10mm HIGH POWER LED, 525mm GREEN LED
logo
List of Unclassifed Man...
SML-LX1610UPGC ETC2-SML-LX1610UPGC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm GREEN LED.
logo
LUMEX INC.
SML-LX1610SIC LUMEX-SML-LX1610SIC Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED, 625nm RED LED
logo
List of Unclassifed Man...
SML-LX1610SYC ETC2-SML-LX1610SYC Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm yellow LED.
SML-LX1610SYCA ETC2-SML-LX1610SYCA Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 590nm yellow LED.
SML-LX1610USBC ETC2-SML-LX1610USBC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 470nm blue LED.
SML-LX1610SIC ETC2-SML-LX1610SIC Datasheet
59Kb / 1P
   10.60 x 10mm HIGH POWER LED 625nm RED LED.
SML-LX1610USBCA ETC2-SML-LX1610USBCA Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED 470nm blue LED.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com