Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ2001 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # GBJ2001
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

GBJ2001 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  GBJ2001 Datasheet HTML 1Page - MIC GROUP RECTIFIERS GBJ2001 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000Volts
GBJ20005 THRU GBJ2010
CURRENT
20.0 Amperes
50
100
200
300
400
FIG. 2- MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PER LEG
OUTPUT RECTIFIED CURRENT
FIG. 1- DERATING CURVE
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
NUMBER OF CYCLES AT 60 Hz
TEMPERATURE, ℃
CHARACTERISTICS PER LGE
FIG. 3- TYPICAL FORWORD
IMPEDANCE
FIG. 6- TYPICAL TRANSIENT THERMAL
PERCENT OF RATED PEAK REVERSE VOLTAGE,(V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
INSTANTANEOUS FORWARD VOLTAGE,(V)
PER LEG
T, HEATING TIME (SEC.)
REVRESE VOLTAGE,(V)
P.C.B. Mounting
1.0 Cycle
T =125
A
T =25
A
100
150
50
0
25
75
125
0
1
10
100
0
150
350
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1
10
100
0
20
40
60
80
100
1000
100
10
1
0.1
1
100
1000
10
100
10
1
10
0.01
0.11
10
0.1
1
20
15
10
5
Heat-Sink Mounting. Tc
RATINGS AND CHARACTERISTIC CURVES GB20005 THRU GBJ2010


Similar Part No. - GBJ2001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2001 DIODES-GBJ2001 Datasheet
53Kb / 2P
   20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Chongqing Pingwei Enter...
GBJ2001 CHONGQING-GBJ2001 Datasheet
212Kb / 2P
   SINGLE PHASE20.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
GBJ2001 YFWDIODE-GBJ2001 Datasheet
743Kb / 3P
   20A GLASS PASSIVATED BRIDGE RECTIFIER Reverse
logo
Micro Commercial Compon...
GBJ2001 MCC-GBJ2001 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
DIYI Electronic Technol...
GBJ2001 DYELEC-GBJ2001 Datasheet
3Mb / 2P
   SINGLE PHASE AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBJ2001

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com