Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ15005 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # GBJ15005
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

GBJ15005 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  GBJ15005 Datasheet HTML 1Page - MIC GROUP RECTIFIERS GBJ15005 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
GBJ15005 THRU GBJ1510
CURRENT
15.0 Amperes
FEATURES
Plastic package has Underwriters Laboratory
Flammability Glassification 94V-0
High case dielectric strength of 2500 VRMS
Ideal for printed circuit boards
Glass passivated chip junctions
High surge current capability
High temperature soldering guaranteed
260℃/10 seconds, 0.375”(9.5mm) lead length
5 lbs. (2.3Kg) tension
MECHANICAL DATA
Case: molded plastic body
Terminal: Plated leads solderable per MIL-STD-750
Method 2026
Mounting position: Any (Note 3)
Mounting Torque: 8 in – 1bs max.
Weight: 0.26 ounce, 7.0 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
GBJ
15005
GBJ
1501
GBJ
1502
GBJ
1504
GBJ
1506
GBJ
1508
GBJ
1510
UNIT
Maximum Reverse Peak Repetitive Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
100
Volts
15
Maximum Average Forward
TC=107℃
(Note 1)
Rectified Output Current At
TA=25℃
(Note 2)
I(AV)
3.5
Amps
Peak Forward Surge Current single sine wave
superimposed on rated load (JEDEC Method)
IFSM
200
Amps
Rating for Fusing (t<8.3ms)
I
2t
240
A
2s
Maximum thermal resistance per leg
(Note 2)
(Note 1)
RJA
RJC
22
1.5
℃/W
Operating Junction and Storage Temperature Range
TJ,TSTG
(-55 to +150)
Maximum Instantaneous Forward Drop
Per Leg At 12.5A
VF
1.00
Volts
Maximum DC Reverse Current at
TA=25℃
rated DC blocking voltage per Leg
TA=125℃
IR
10
250
μA
Notes: 1. Unit mounted on 300mm×300mm×1.6mm A1. Plate heatsink
2. Unit mounted on P.C.B. without heatsink
3. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum
Heat transfer with #6 screw
29.7-30.3
2.5±0.2
2.0-2.4
0.9-1.1
9.8-10.2 7.3-7.7 7.3-7.7
3.0×45
4.4-4.8
3.4-3.8
2.7-3.1
0.6-0.8
φ3
.1-3
.4
GBJ
O
O


Similar Part No. - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
GBJ15005 CHENDA-GBJ15005 Datasheet
961Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Diodes Incorporated
GBJ15005 DIODES-GBJ15005 Datasheet
62Kb / 2P
   15A GLASS PASSIVATED BRIDGE RECTIFIER
DS21219 Rev. D-2
logo
SMC Diode Solutions Co....
GBJ15005 SMCDIODE-GBJ15005 Datasheet
350Kb / 5P
   Single-Phase 15.0A Glass Passivated Bridge Rectifier
Rev. E
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
108Kb / 3P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Sangdest Microelectroni...
GBJ15005 SMC-GBJ15005 Datasheet
290Kb / 4P
   Glass passivated die construction
More results

Similar Description - GBJ15005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com