Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBJ10005 Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # GBJ10005
Description  SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

GBJ10005 Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  GBJ10005 Datasheet HTML 1Page - MIC GROUP RECTIFIERS GBJ10005 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000Volts
GBJ10005 THRU GBJ1010
CURRENT
10.0 Amperes
RATINGS AND CHARACTERISTIC CURVES GBJ10005 THRU GBJ1010
1
0.1
100
1
0.1
0.01
10
1
10
100
10
1000
100
1
0.01
0.1
1
10
100
100
80
60
40
20
0
100
10
1
0.1
0.01
1.4
1.2
1.0
0.8
0.6
200
100
0
100
20
40
60
8
6
4
2
10
1
175
10
0
5
15
125
75
25
0
50
150
100
A
T =25℃
A
T =125℃
1.0 Cycle
P.C.B. Mounting
Heat-Sink Mounting. Tc
REVRESE VOLTAGE,(V)
T, HEATING TIME (SEC.)
PER LEG
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
PERCENT OF RATED PEAK REVERSE VOLTAGE,(V)
FIG. 6- TYPICAL TRANSIENT THERMAL
IMPEDANCE
FIG. 3- TYPICAL FORWORD
CHARACTERISTICS PER LGE
TEMPERATURE, ℃
NUMBER OF CYCLES AT 60 Hz
PER LEG
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
FIG. 1- DERATING CURVE
RECTIFIED CURRENT
OUTPUT
FORWARD SURGE CURRENT PER LEG
FIG. 2- MAXIMUM NON-REPETITIVE PEAK


Similar Part No. - GBJ10005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ10005 DIODES-GBJ10005 Datasheet
65Kb / 2P
   10A GLASS PASSIVATED BRIDGE RECTIFIER
DS21218 Rev. D-2
logo
ASEMI TECHNOLOGY., LTD
GBJ10005 ASEMI-GBJ10005 Datasheet
129Kb / 2P
   10 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
logo
SeCoS Halbleitertechnol...
GBJ10005 SECOS-GBJ10005 Datasheet
952Kb / 2P
   Voltage 50V ~ 1000V 10.0 Amp Glass Passivited Bridge Rectifiers
logo
Yangzhou yangjie electr...
GBJ10005 YANGJIE-GBJ10005 Datasheet
336Kb / 4P
   Bridge Rectifiers
logo
Micro Commercial Compon...
GBJ10005 MCC-GBJ10005 Datasheet
89Kb / 2P
   10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results

Similar Description - GBJ10005

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com