Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J1511CP240VDC Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # J1511CP240VDC
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J1511CP240VDC Datasheet(HTML) 3 Page - CIT Relay & Switch

  J1511CP240VDC Datasheet HTML 1Page - CIT Relay & Switch J1511CP240VDC Datasheet HTML 2Page - CIT Relay & Switch J1511CP240VDC Datasheet HTML 3Page - CIT Relay & Switch J1511CP240VDC Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J151
Dimensions
Units = mm
Termination Options
PC Pins
Solder Tabs
1 & 2 Pole
3 Pole
4 Pole
1 & 2 Pole with Flange
3 Pole with Flange
4 Pole with Flange
Flange Mount Layouts


Similar Part No. - J1511CP240VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J1511CP240VAC.9DGT CIT-J1511CP240VAC.9DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1511CP240VAC1.2DGT CIT-J1511CP240VAC1.2DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1511CP240VAC1.4DGT CIT-J1511CP240VAC1.4DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1511CP240VAC1.5DGT CIT-J1511CP240VAC1.5DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
J1511CP240VAC2.0DGT CIT-J1511CP240VAC2.0DGT Datasheet
290Kb / 4P
   Switching capacity up to 20A; small size and light weight
More results

Similar Description - J1511CP240VDC

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com