Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR606 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # FR606
Description  FAST RECOVER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

FR606 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  FR606 Datasheet HTML 1Page - MIC GROUP RECTIFIERS FR606 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
50 to 1000 Volts
FR601 THRU FR607
CURRENT
6.0Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
Low coat construction
Fast switching for high efficency.
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.042ounce, 1.19 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
FR
601
FR
602
FR
603
FR
604
FR
605
FR
606
FR
607
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 75℃
I(AV)
6.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
300
Amps
Maximum Instantaneous Forward Voltage @ 6.0A
VF
1.3
Volts
TA = 25℃
10
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
500
µA
Maximum Reverse Recovery Time (Note 3) TJ=25℃
trr
150
250
500
ns
Typical Junction Capacitance (Note 1)
CJ
150
pF
Typical Thermal Resistance (Note 2)
RθJA
10
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits.
2 Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
3.Reverse Recovery Test Conditions:If=0.5mA,Ir=1.0mA,Irr=0.25A
R-6
DIA.
.052(1.3)
.048(1.2)
DIA.
.360(9.1)
.340(8.6)
.360(9.1)
.340(8.6)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
Dimensions in inches and (millimeters)


Similar Part No. - FR606

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FR606 DEC-FR606 Datasheet
667Kb / 2P
   Fast switching for high efficiency
logo
Won-Top Electronics
FR606 WTE-FR606 Datasheet
51Kb / 3P
   6.0A FAST RECOVERY RECTIFIER
logo
Formosa MS
FR606 FORMOSA-FR606 Datasheet
101Kb / 6P
   Axial Leaded Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
FR606 TSC-FR606 Datasheet
261Kb / 2P
   6.0 AMPS. Fast Recovery Rectifiers
logo
Diotech Company.
FR606 DIOTECH-FR606 Datasheet
667Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - FR606

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
FR151 MIC-FR151 Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
BY296 MIC-BY296 Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BY296 PFS-BY296 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
FR251 MIC-FR251 Datasheet
49Kb / 2P
   FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
   FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
1N4933 MIC-1N4933 Datasheet
47Kb / 2P
   FAST RECOVER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com