Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC119 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # RC119
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

RC119 Datasheet(HTML) 1 Page - CIT Relay & Switch

  RC119 Datasheet HTML 1Page - CIT Relay & Switch RC119 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
217
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
- E222871
MATERIALS
Actuator
6/6 Nylon
Housing
6/6 Nylon
Contacts
AgCdO
Terminals
Brass, Sn Plated
ORDERING INFORMATION
1. Series:
RC
RC
1
2. Number of Poles:
1 = SPST
2 = DPST
1
3. Switch Function:
1 = OFF-ON
2 = OFF-(ON)
2
4. Housing Color:
1 = White
2 = Black
3 = Red
9 = Gray
2
5. Actuator Color:
1 = White
2 = Black
3 = Red
9 = Gray
3T = Red (Transparent) **For use with Illuminated options**
4T = Yellow (Transparent) **For use with Illuminated options**
5T = Green (Transparent) **For use with Illuminated options**
6T = Blue (Transparent) **For use with Illuminated options**
C
6. Actuator Marking:
A
E
B
F
C
G
D
H
C
7. Terminal Options:
C = .187” Quick Connects / Solder Lug
P = PC Pins
R = Right Angle PC Pins
L = Left Angle PC Pins
8. Illumination Options: (For use with transparent actuators only)
Blank = Non-Illuminated
A = 125VAC Neon Bulb
B = 240VAC Neon Bulb
C = 6VDC Tungsten Lamp
D = 12VDC Tungsten Lamp
E = 24VDC Tungsten Lamp
RC
Switch Function
SPST, DPST
Electrical Ratings
10A @ 125VAC/250VAC
Electrical Life
10,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C


Similar Part No. - RC119

ManufacturerPart #DatasheetDescription
logo
Radiocrafts AS.
RC1190HP-RC232 RADIOCRAFTS-RC1190HP-RC232 Datasheet
778Kb / 28P
   High Power Multi-Channel RF Transceiver Module
rev. 1.11
More results

Similar Description - RC119

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com