Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPH2.4NBC150 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # LPH2.4NBC150
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

LPH2.4NBC150 Datasheet(HTML) 1 Page - CIT Relay & Switch

  LPH2.4NBC150 Datasheet HTML 1Page - CIT Relay & Switch LPH2.4NBC150 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citswitch.com
page
17
phone – 763.535.2339 fax – 763.535.2194
SPECIFICATIONS
MATERIALS
RoHS COMPLIANT
Actuator
PC – Polycarbonate
Housing
6/6 Nylon
Base
PBT – Polybutylene Terephthalate
Spring
Stainless Steel
Contacts
Phosphor Bronze, Silver Plated
Terminals
Brass, Silver Plated
ORDERING INFORMATION
1. Series:
LPH
LPH
4
2. Switch Function:
2 = DPDT
4 = 4PDT
L
3. Latching Options:
N = Non-Latching (Momentary)
L = Latching
RG
4. LED Color:
R = Red
G = Green
Y = Yellow
B = Blue
**For a bi-color LED, chose two color designators (Example: RG)
C170
5. Cap Options:
C150
C170
MS04
6. Cap Finishes:
Blank = No Cap Finish
MS = Misty Silver
Laser Etching Options: **Only available with MS cap finish
01, 02, 03, 04, 05
06, 07, 08, 09, 10
DIMENSIONS
SCHEMATIC & PC LAYOUT (BOTTOM VIEWS)
2 POLE
LPH
Electrical Ratings
300mA @ 30VDC
Electrical Life
20,000 cycles typical
Contact Resistance
< 50 m
Ω initial
Actuation Force
300 +/- 100gF
Actuator Travel
3.3 +/- .25mm
Dielectric Strength
1000Vrms min
Insulation Resistance
> 100M
Ω min
Operating Temperature
Storage Temperature
-40
°C to 85°C
-40
°C to 85°C


Similar Part No. - LPH2.4NBC150

ManufacturerPart #DatasheetDescription
logo
HellermannTyton.
LPH275 HELLERMANNTYTON-LPH275 Datasheet
165Kb / 3P
   Cable Ties and Fixings Cable Ties Outside Serrated
More results

Similar Description - LPH2.4NBC150

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com