Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL1200S94 Datasheet(PDF) 3 Page - CIT Relay & Switch

Part # CL1200S94
Description  CIT SWITCH
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

CL1200S94 Datasheet(HTML) 3 Page - CIT Relay & Switch

  CL1200S94 Datasheet HTML 1Page - CIT Relay & Switch CL1200S94 Datasheet HTML 2Page - CIT Relay & Switch CL1200S94 Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.citswitch.com
page
3
phone – 763.535.2339 fax – 763.535.2194
DIMENSIONS – CAP OPTIONS WITH FRAME, BY TERMINATION STYLE
A – CAP
A1 – CAP
B - CAP
B1 – CAP
A – CAP
A1 - CAP
B – CAP
B1 - CAP
SCHEMATICS & PC LAYOUTS
SINGLE / DUAL
COLOR LED
THROUGH HOLE
RIGHT ANGLE
SMT
LED SPECIFICATIONS
Value
LED Ratings
R
G
Y
B
W
O
RS
GS
YS
Units
Reverse Voltage
VR
5
5
5
5
5
5
5
5
5
V
Forward Current (avg)
IF
30
30
30
30
30
30
30
30
30
mA
Forward Current (peak)
IFS
125
125
125
125
125
125
125
125
125
mA
Reverse Current VR = 5V
IR
10
10
10
10
10
10
10
10
10
µA
Power Dissipation
PT
69
81
78
120
120
75
75
75
75
mW
Operating & Storage Temperature
TA
-40~ +85
°C
Forward Voltage (typ.), IF = 20mA
VF
1.8
2.2
2.1
3.5
3.5
2.0
2.0
2.0
2.0
V
Forward Voltage (max.), IF = 20mA
VF
2.3
2.7
2.6
4.0
4.0
2.5
2.5
2.5
2.5
V
Wavelength at Peak Emmission, IF = 20mA
λP
660
565
585
460
N/A
610
630
572
590
nm
Spectral Line Half-Width, IF = 20mA
∆λ
24
32
37
40
N/A
35
20
20
20
nm
Luminous Intensity, IF = 20mA
LI
130
65
45
200
60
50
1120
525
1550
mcd
Viewing Angle
Θ
20
20
20
20
165
20
20
20
20
Deg
CL1200


Similar Part No. - CL1200S94

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
CL1200 CIT-CL1200 Datasheet
186Kb / 2P
   SINGLE CORLORED, BI-COLORED LED
logo
TEKTRONIX, INC.
CL1200 TEKTRONIX-CL1200 Datasheet
2Mb / 18P
   Four-channel, Multi-phase AC/DC Power Analyzer
CL1200 TEKTRONIX-CL1200 Datasheet
1Mb / 8P
   Single Phase AC Power Analyzer Datasheet
logo
CIT Relay & Switch
CL120022G CIT-CL120022G Datasheet
186Kb / 2P
   SINGLE CORLORED, BI-COLORED LED
CL120022N CIT-CL120022N Datasheet
186Kb / 2P
   SINGLE CORLORED, BI-COLORED LED
More results

Similar Description - CL1200S94

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com