Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7645HS Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM7645HS
Description  CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7645HS Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM7645HS Datasheet HTML 1Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
SM76H Series 2.5 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 2.50V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
-7
nS
All
C
LOAD = 15 pF
-
9
nS
< 35 MHZ
C
LOAD = 30 pF
-12
nS
> 35 MHZ
V
CC Supply Current (ICC)-
6
mA
< 8 MHZ
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-8
mA
> 8 MHZ and < 16 MHZ
-11
mA
> 16 MHZ and < 35 MHZ
-29
mA
> 35 MHZ
-7
mA
< 8 MHZ
C
LOAD = 30 pF
10% to 90% of V
CC
See Load Circuit
-8
mA
> 8 MHZ and < 16 MHZ
-10
mA
> 16 MHZ and < 35 MHZ
-41
mA
> 35 MHZ
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M


Similar Part No. - SM7645HS

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7645HEV PLETRONICS-SM7645HEV Datasheet
203Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7645HEW PLETRONICS-SM7645HEW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7645HV PLETRONICS-SM7645HV Datasheet
203Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7645HW PLETRONICS-SM7645HW Datasheet
202Kb / 9P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM7645HS

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
NT7050BC NDK-NT7050BC Datasheet
580Kb / 1P
   Temperature Compensated Crystal Oscillator (TCXO) With Enable / Disable (Stand-by) function
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
HA-A1370 NEL-HA-A1370_10 Datasheet
60Kb / 2P
   CMOS Compatible Enable/Disable
logo
List of Unclassifed Man...
HA-A1370 ETC-HA-A1370 Datasheet
389Kb / 2P
   CMOS Compatible Enable/Disable
logo
Nel Frequency Controls,...
HS-A1370 NEL-HS-A1370 Datasheet
257Kb / 2P
   CMOS Compatible Enable/Disable
HA-1380 NEL-HA-1380 Datasheet
288Kb / 2P
   CMOS Compatible Enable/Disable
HS-1370 NEL-HS-1370_10 Datasheet
58Kb / 2P
   CMOS Compatible Enable/Disable
logo
Pletronics, Inc.
SM1145BDY PLETRONICS-SM1145BDY Datasheet
202Kb / 2P
   CMOS with Enable/ Disable, 3rd Overtone Crystal Used
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com