Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN5432 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part No. SN5432
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN5432 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN5432 Datasheet HTML 5Page - Texas Instruments SN5432 Datasheet HTML 6Page - Texas Instruments SN5432 Datasheet HTML 7Page - Texas Instruments SN5432 Datasheet HTML 8Page - Texas Instruments SN5432 Datasheet HTML 9Page - Texas Instruments SN5432 Datasheet HTML 10Page - Texas Instruments SN5432 Datasheet HTML 11Page - Texas Instruments SN5432 Datasheet HTML 12Page - Texas Instruments SN5432 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74S32N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S32N
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S32N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74S32N3
OBSOLETE
PDIP
N
14
TBD
Call TI
Call TI
SN74S32NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S32NE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
SN74S32NSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S32NSR
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S32NSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S32NSRE4
ACTIVE
SO
NS
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ5432J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ5432J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ5432W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ5432W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS32FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS32FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS32J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS32J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS32W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS32W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S32FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S32FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S32J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S32J
ACTIVE
CDIP
J
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S32W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S32W
ACTIVE
CFP
W
14
1
TBD
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
PACKAGE OPTION ADDENDUM
www.ti.com
5-Dec-2005
Addendum-Page 3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54AHC32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54LVC32A QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54HC32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54AHCT32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54F32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54AC32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments
SN54HCT32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  Texas Instruments
74ACT11032 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  Texas Instruments
SN54ACT32 QUADRUPLE 2-INPUT POSITIVE-OR GATES 1  2  3  4  5  More Texas Instruments

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn