Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM7645DX Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # SM7645DX
Description  1.8 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7645DX Datasheet(HTML) 1 Page - Pletronics, Inc.

  SM7645DX Datasheet HTML 1Page - Pletronics, Inc. SM7645DX Datasheet HTML 2Page - Pletronics, Inc. SM7645DX Datasheet HTML 3Page - Pletronics, Inc. SM7645DX Datasheet HTML 4Page - Pletronics, Inc. SM7645DX Datasheet HTML 5Page - Pletronics, Inc. SM7645DX Datasheet HTML 6Page - Pletronics, Inc. SM7645DX Datasheet HTML 7Page - Pletronics, Inc. SM7645DX Datasheet HTML 8Page - Pletronics, Inc. SM7645DX Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2007, 2008, Pletronics Inc.
to specifications per the terms of the Pletronics standard warranty. Production
processsing does not necessarily include testing of all parameters.
SM76D Series 1.8 V
CMOS Clock Oscillators
March 2008
• Pletronics’ SM76D Series is a quartz crystal
controlled precision square wave generator with a
CMOS output. Made from SM77D device.
• The SM76D series will directly interface TTL
devices also.
• S-Pkg is Solder pad compatible with the Epson
SG615 and SG8002J and many other 9x14mm
plastic J lead packages.
• FR4 base with an SM77D series oscillator.
• Capable of driving up to 15pF capacitive loads
• Tape and Reel or cut tape packaging available.
• 70 to 165 MHz
• 9.04mm x 8.23mm package
• Enable/Disable Function
• Disable function includes low standby power
mode
•3rd Overtone Crystals used
• Improved circuit to minimize oscillator issues
such as multi-mode output signal.
• Low Jitter
• Has internal bypass capacitor on the Vcc lead
• Package changed in 2008
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.4 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Absolute Maximum Ratings:
Parameter
Unit
V
CC Supply Voltage
-0.5V to +5.0V
Vi
Input Voltage
-0.5V to V
CC + 0.5V
Vo Output Voltage
-0.5V to V
CC + 0.5V
Thermal Characteristics
The maximum die or junction temperature is 155oC
The thermal resistance junction to board is 60 to 100oC/Watt depending on the solder pads, ground plane
and construction of the PCB.


Similar Part No. - SM7645DX

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7645D PLETRONICS-SM7645D Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM7645DE PLETRONICS-SM7645DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7645DV PLETRONICS-SM7645DV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
More results

Similar Description - SM7645DX

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
logo
Pletronics, Inc.
SQ3345DESX PLETRONICS-SQ3345DESX Datasheet
133Kb / 7P
   1.8 V CMOS Clock Oscillators
SM7745HEX PLETRONICS-SM7745HEX Datasheet
110Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TX-750M-T250 PLETRONICS-SM5545TX-750M-T250 Datasheet
110Kb / 8P
   SM55T Series 1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com