Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5520TE Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM5520TE
Description  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5520TE Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM5520TE Datasheet HTML 1Page - Pletronics, Inc. SM5520TE Datasheet HTML 2Page - Pletronics, Inc. SM5520TE Datasheet HTML 3Page - Pletronics, Inc. SM5520TE Datasheet HTML 4Page - Pletronics, Inc. SM5520TE Datasheet HTML 5Page - Pletronics, Inc. SM5520TE Datasheet HTML 6Page - Pletronics, Inc. SM5520TE Datasheet HTML 7Page - Pletronics, Inc. SM5520TE Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55T Series 5.0 V
CMOS Clock Oscillators
June 2007
www.pletronics.com
425-776-1880
4
Electrical Specification for 5.0V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
-
5
nS
All
C
LOAD = 15 pF
-8
nS
All
C
LOAD = 30 pF
V
CC Supply Current (ICC)
-
13
mA
< 8 MHz
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-17
mA
> 8 MHz and < 16 MHz
-26
mA
> 16 MHz and < 35 MHz
-65
mA
> 35 MHz
-17
mA
< 8 MHz
C
LOAD = 30 pF
10% to 90% of V
CC
See Load Circuit
-23
mA
> 8 MHz and < 16 MHz
-29
mA
> 16 MHz and < 35 MHz
-70
mA
> 35 MHz
Specifications with Pad 1 E/D open circuit


Similar Part No. - SM5520TE

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5520TEV PLETRONICS-SM5520TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T1K PLETRONICS-SM5520TEV-75.0M-T1K Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T250 PLETRONICS-SM5520TEV-75.0M-T250 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T500 PLETRONICS-SM5520TEV-75.0M-T500 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEW PLETRONICS-SM5520TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM5520TE

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SQ3345DES PLETRONICS-SQ3345DES Datasheet
132Kb / 7P
   5.0 V CMOS Clock Oscillators
SM7645DE PLETRONICS-SM7645DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com