Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5520TE Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # SM5520TE
Description  5.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5520TE Datasheet(HTML) 2 Page - Pletronics, Inc.

  SM5520TE Datasheet HTML 1Page - Pletronics, Inc. SM5520TE Datasheet HTML 2Page - Pletronics, Inc. SM5520TE Datasheet HTML 3Page - Pletronics, Inc. SM5520TE Datasheet HTML 4Page - Pletronics, Inc. SM5520TE Datasheet HTML 5Page - Pletronics, Inc. SM5520TE Datasheet HTML 6Page - Pletronics, Inc. SM5520TE Datasheet HTML 7Page - Pletronics, Inc. SM5520TE Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SM55T Series 5.0 V
CMOS Clock Oscillators
June 2007
www.pletronics.com
425-776-1880
2
Part Number:
SM55
45
T
E
Y*
-75.0M
-XX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Part Marking:
PFF.FFF M
C YMDxx
or
PFF.FFF M
C YYWWxx
or
PLE SM55
FF.FFF M
CYMDxx
or
P5xYWWx
C FF.FF Mxxx
or
5xYWWxx
FF.FFF M
CPLE xxx
Frequency in MHz
Supply Voltage V
CC
Y
= 5.0V +
_ 10%
(*Y is only included in part number if
Enhanced OTR is not chosen)
Examples: SM5545TE, SM5544TY
Optional Enhanced OTR
Blank
= Temp. range -10 to +70oC
E
= Temp. range -40 to +85oC
Series Model
Frequency Stability
45
= +
_ 50 ppm, 44 = +
_ 25 ppm
20
= +
_ 20 ppm
Series Model
Marking Legend:
PLE = Pletronics
FF.FFF
M = Frequency in MHz
YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc.
are not identified from the marking. External packaging labels and packing list will correctly
identify the ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31
Legacy Part Numbers:
‘S’
Denoted Symmetry of 45%/55% at 50% of V
CC. This is now the standard Duty Cycle and is no longer needed
inthe part number. We will still support part numbers with the ‘S’. For example: SM5545TY and SM5545TS
describe the same specifications and can be used interchangeably by the customer.
-30 or -50
Denoted Output Load other than the standard 15 pF. Data sheets now reflect specifications at all
available loads so this load designation is no longer needed. We’ll still support part numbers with this load
designation.


Similar Part No. - SM5520TE

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5520TEV PLETRONICS-SM5520TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T1K PLETRONICS-SM5520TEV-75.0M-T1K Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T250 PLETRONICS-SM5520TEV-75.0M-T250 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEV-75.0M-T500 PLETRONICS-SM5520TEV-75.0M-T500 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5520TEW PLETRONICS-SM5520TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
More results

Similar Description - SM5520TE

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SQ3345DES PLETRONICS-SQ3345DES Datasheet
132Kb / 7P
   5.0 V CMOS Clock Oscillators
SM7645DE PLETRONICS-SM7645DE Datasheet
203Kb / 9P
   5.0 V CMOS Clock Oscillators
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com