Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY77328 Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SKY77328
Description  iPAC PAM for Quad-Band GSM/GPRS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY77328 Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SKY77328 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY77328 Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
SKY77328 iPAC™ PAM FOR QUAD-BAND GSM / GPRS
DATA SHEET
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
103237A • Skyworks Proprietary and Confidential Information • Products and product information are subject to change without notice. • March 17, 2009
5
Table 3. SKY77328 Electrical Specifications 1 (4 of 9)
GSM900 Mode (ƒ = 880…915 MHz and PIN = 0…6 dBm)
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Units
Frequency Range
ƒ
880
900
915
MHz
Input Power
PIN
0
3
6
dBm
Analog Power Control Voltage
VAPC
0.2
1.7
V
Power Added Efficiency
PAE
VCC = 3.5 V
POUT
= 34.5 dBm
ENABLE > 2.0 V
pulse width 577 μs
duty cycle 1:8
TCASE = +25
°C
50
56
%
0…7ƒ0, 0…13ƒ0
–27
–10
2nd…13th Harmonics
0
BW = 3 MHz
6.5 dBm
≤ POUT ≤ 34.5 dBm
–15
–5
dBm
POUT MAX
VCC = 3.5 V
TCASE = +25
°C
34.5
35.1
POUT MAX LOW VOLTAGE
VCC = 2.9 V
ENABLE
> 2.0 V
TCASE = –20
°C…+100 °C
(See Table 2 for multi-slot.)
PIN = 0 dBm
32.0
33.3
Output Power
POUT MAX HIGH VOLTAGE
VCC = 4.5 V
ENABLE
> 2.0 V
TCASE = –20
°C…+100 °C
(See Table 2 for multi-slot.)
PIN = 0 dBm
32.0
36.0
dBm
Input VSWR
ΓIN
POUT = 6.5…34.5 dBm,
controlled by VAPC
1.5:1
2.3:1
Forward Isolation
POUT STANDBY
PIN = 6 dBm
VAPC = 0.1 V
ENABLE
≤ 0.2 V
–45
–35
dBm
Spurious
Spur
All combinations of the
following parameters:
VAPC = controlled 2
PIN = min…max.
VCC = 2.9 V…4.8 V
Load VSWR = 8:1,
all phase angles
No parasitic oscillation > –36 dBm


Similar Part No. - SKY77328

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
SKY77324 SKYWORKS-SKY77324 Datasheet
3Mb / 24P
   iPAC PAM for Quad-Band GSM / GPRS
SKY77325 SKYWORKS-SKY77325 Datasheet
842Kb / 19P
   iPAC??PAM for Quad-Band GSM / GPRS
More results

Similar Description - SKY77328

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY77325 SKYWORKS-SKY77325 Datasheet
842Kb / 19P
   iPAC??PAM for Quad-Band GSM / GPRS
SKY77318 SKYWORKS-SKY77318 Datasheet
808Kb / 19P
   iPAC PAM for Quad-Band GSM/GPRS
SKY77324 SKYWORKS-SKY77324 Datasheet
3Mb / 24P
   iPAC PAM for Quad-Band GSM / GPRS
SKY77500 SKYWORKS-SKY77500 Datasheet
1Mb / 20P
   SKY77500 iPAC??FEM for Quad-Band GSM / GPRS
SKY77346 SKYWORKS-SKY77346 Datasheet
107Kb / 2P
   iPAC??PA Module for Quad-Band GSM / GPRS
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
   Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
SKY77518-11 SKYWORKS-SKY77518-11 Datasheet
78Kb / 2P
   Tx?밨x iPAC FEM for Dual-Band GSM/GPRS
logo
TriQuint Semiconductor
TQM7M5050 TRIQUINT-TQM7M5050_15 Datasheet
249Kb / 1P
   Quad-Band GSM/EDGE 5x3.5 PAM
TQM7M5050 TRIQUINT-TQM7M5050 Datasheet
249Kb / 1P
   Quad-Band GSM/EDGE 5x3.5 PAM
logo
Quectel Wireless Soluti...
M95 QUECTEL-M95 Datasheet
1Mb / 2P
   Quad-band GSM/GPRS Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com