Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J0991AS12VDC.45 Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # J0991AS12VDC.45
Description  CIT SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

J0991AS12VDC.45 Datasheet(HTML) 1 Page - CIT Relay & Switch

  J0991AS12VDC.45 Datasheet HTML 1Page - CIT Relay & Switch J0991AS12VDC.45 Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.citrelay.com
phone - 763.535.2339
fax - 763.535.2194
J099
18.4 x 15.0 x 10.3 mm
RoHS Compliant
High sensitivity
Super light weight
Switching current up to 12A
PC board mounting
Coil Voltage
VDC
Coil
Resistance
Ω +/- 10%
Pick Up
Voltage VDC
(max)
75% of rated
voltage
Release Volt-
age
VDC (min)
10% of rated
voltage
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
3
3.9
20
2.25
.3
.45
8
5
5
6.5
56
3.75
.5
6
7.8
80
4.50
.6
9
11.7
180
6.75
.9
12
15.6
320
9.00
1.2
18
23.4
720
13.50
1.8
24
31.2
1280
18.00
2.4
Caution
1. The use of any coil voltage less than the
rated coil voltage may compromise the
operation of the relay.
E197851
Contact Arrangement
1A = SPST N.O.
Contact Rating
10A @ 277VAC
10A @ 30VDC
12A @ 125VAC
Contact Resistance
< 50 milliohms initial
Contact Material
AgSnO2
Maximum Switching Power
300W
Maximum Switching Voltage
300VAC, 100VDC
Maximum Switching Current
12A
Coil Data
General Data
Electrical Life @ rated load
100K cycles, typical
Mechanical Life
10M cycles, typical
Insulation Resistance
100M Ω min. @ 500VDC
Dielectric Strength, Coil to Contact
2500V rms min. @ sea level
Contact to Contact
1000V rms min. @ sea level
Shock Resistance
100m/s2 for 11 ms
Vibration Resistance
1.50mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
5N
Operating Temperature
-40oC to +85oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
7g
Contact Data
Features


Similar Part No. - J0991AS12VDC.45

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J0991AS12VDC.45 CIT-J0991AS12VDC.45 Datasheet
132Kb / 2P
   High sensitivity
More results

Similar Description - J0991AS12VDC.45

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J115F31A3VDCS CIT-J115F31A3VDCS Datasheet
218Kb / 3P
   CIT SWITCH
J117F1AS5VDC CIT-J117F1AS5VDC Datasheet
159Kb / 2P
   CIT SWITCH
A41AS3VDC CIT-A41AS3VDC Datasheet
190Kb / 2P
   CIT SWITCH
MS1206 CIT-MS1206 Datasheet
120Kb / 1P
   CIT SWITCH
MS2201 CIT-MS2201 Datasheet
131Kb / 1P
   CIT SWITCH
MS2208 CIT-MS2208 Datasheet
126Kb / 1P
   CIT SWITCH
CT1102V CIT-CT1102V Datasheet
176Kb / 2P
   CIT SWITCH
CTA1 CIT-CTA1 Datasheet
158Kb / 2P
   CIT SWITCH
CTA1M CIT-CTA1M Datasheet
158Kb / 2P
   CIT SWITCH
CTA3 CIT-CTA3 Datasheet
278Kb / 3P
   CIT SWITCH
CTA7 CIT-CTA7 Datasheet
167Kb / 2P
   CIT SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com