Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP64AJ Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 5KP64AJ
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

5KP64AJ Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  5KP64AJ Datasheet HTML 1Page - MIC GROUP RECTIFIERS 5KP64AJ Datasheet HTML 2Page - MIC GROUP RECTIFIERS 5KP64AJ Datasheet HTML 3Page - MIC GROUP RECTIFIERS 5KP64AJ Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
5KP5.0 THRU 5KP110CA
Stand-off Voltage
5.0 to 110 Volts
5KP5.0J THRU 5KP110CAJ
Peak Pulse Power
5000 Watts
Electrical Characteristic at (TA =25℃ unless otherwise noted) TABLE1
Breakdown Voltage
V(BR)(Volts) (Note 1)
Device
Type
MIN
MAX
Test
Current
at
IT
(mA)
Stand-off
Voltage
VWM
(Volts)
Maximum
Reverse
Leakage at
VWM
ID (μA)
Maximum
Peak Pulse
Current IPPM
(Note 2)
(Amps)
Maximum
Clamping
Voltage at
IPPM
VC(Volts)
Maximum
Temperature
Coefficient
of V(BR)
(%/℃)
5KP5.0/J
6.4
7.3
50
5
2000
521
9.6
0.057
5KP5.0A/J
6.4
7
50
5
2000
543
9.2
0.057
5KP6.0/J
6.67
8.15
50
6
5000
439
11.4
0.061
5KP6.0A/J
6.67
7.37
50
6
5000
485
10.3
0.061
5KP6.5/J
7.22
8.82
50
6.5
2000
407
12.3
0.065
5KP6.5A/J
7.22
7.98
50
6.5
2000
446
11.2
0.065
5KP 7.0/J
7.78
9.51
50
7
1000
376
13.3
0.068
5KP7.0A/J
7.78
8.6
50
7
100
417
12
0.068
5KP7.5/J
8.33
10.2
5
7.5
250
350
14.3
0.073
5KP7.5A/J
8.33
9.21
5
7.5
250
388
12.9
0.073
5KP8.0/J
8.89
10.9
5
8
150
333
15
0.075
5KP8.0A/J
8.89
9.83
5
8
150
368
13.6
0.075
5KP 8.5/J
9.44
11.5
5
8.5
50
314
15.9
0.076
5KP8.5A/J
9.44
10.4
5
8.5
50
347
14.4
0.078
5KP9.0/J
10
12.2
5
9
20
296
16.9
0.081
5KP9.0A/J
10
11.1
5
9
20
325
15.4
0.081
5KP10/J
11.1
13.6
5
10
15
266
18.8
0.084
5KP10A/J
11.1
12.3
5
10
15
294
17
0.084
5KP11/J
12.2
14.9
5
11
10
249
20.1
0.086
5KP11A/J
12.2
13.5
5
11
10
275
18.2
0.086
5KP12/J
13.3
16.3
5
12
10
227
22
0.088
5KP12A/J
13.3
14.7
5
12
10
251
19.9
0.089
5KP13/J
14.4
17.6
5
13
10
210
23.8
0.09
5KP13A/J
14.4
15.9
5
13
10
233
21.5
0.09
5KP14/J
15.6
19.1
5
14
10
194
25.8
0.092
5KP14A/J
15.6
17.2
5
14
10
216
23.2
0.092
5KP15/J
16.7
20.4
5
15
10
186
26.9
0.094
5KP15A/J
16.7
18.5
5
15
10
205
24.4
0.094
5KP16/J
17.8
21.8
5
16
10
174
28.8
0.096
5KP16A/J
17.8
19.7
5
16
10
192
26
0.096
5KP17/J
18.9
23.1
5
17
10
164
30.5
0.097
5KP17A/J
18.9
20.9
5
17
10
181
27.6
0.097
5KP18/J
20
24.4
5
18
10
155
32.2
0.098
5KP18A/J
20
22.1
5
18
10
171
29.2
0.098
5KP20/J
22.2
27.1
5
20
10
140
35.8
0.099
5KP20A/J
22.2
24.5
5
20
10
154
32.4
0.099
5KP22/J
24.4
29.8
5
22
10
127
39.4
0.1
5KP22A/J
24.4
26.9
5
22
10
141
35.5
0.1
5KP24/J
26.7
32.6
5
24
10
116
43
0.101
5KP24A/J
26.7
29.5
5
24
10
129
38.9
0.101
5KP26/J
28.9
35.3
5
26
10
107
46.6
0.101
5KP26A/J
28.9
31.9
5
26
10
119
42.1
0.101
5KP28/J
31.1
38
5
28
10
100
50.1
0.102
5KP28A/J
31.1
34.4
5
28
10
110
45.4
0.102
5KP30/J
33.3
40.7
5
30
10
93.5
53.5
0.103
5KP30A/J
33.3
36.8
5
30
10
103
48.4
0.103
5KP33/J
36.7
44.9
5
33
10
84.7
59
0.104
5KP33A/J
36.7
40.6
5
33
10
93.8
53.3
0.104


Similar Part No. - 5KP64AJ

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP64A SURGE-5KP64A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
HuaXinAn Electronics CO...
5KP64A HUAXINAN-5KP64A Datasheet
357Kb / 5P
   Transient Voltage Suppressors
logo
Vishay Siliconix
5KP64A VISHAY-5KP64A Datasheet
88Kb / 5P
   TRANSZORB Transient Voltage Suppressors
Revision: 20-Nov-12
logo
Shenzhen Luguang Electr...
5KP64A LUGUANG-5KP64A Datasheet
425Kb / 4P
   TVS Transient Voltage Suppressor POWER DISSIPATION - 5000 Watts
logo
Pan Jit International I...
5KP64A PANJIT-5KP64A Datasheet
88Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 5KP64AJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com