Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM12T2-18 Datasheet(PDF) 1 Page - Pletronics, Inc.

Part # SM12T2-18
Description  SM12T2 Series Miniature SMD Crystal
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM12T2-18 Datasheet(HTML) 1 Page - Pletronics, Inc.

  SM12T2-18 Datasheet HTML 1Page - Pletronics, Inc. SM12T2-18 Datasheet HTML 2Page - Pletronics, Inc. SM12T2-18 Datasheet HTML 3Page - Pletronics, Inc. SM12T2-18 Datasheet HTML 4Page - Pletronics, Inc. SM12T2-18 Datasheet HTML 5Page - Pletronics, Inc. SM12T2-18 Datasheet HTML 6Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product information is current as of publication date. The product conforms
Copyright © 2006, Pletronics Inc.
to specifications per the terms of the Pletronics limited warranty. Production
processsing does not necessarily include testing of all parameters.
-160
-140
-120
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
-60
-40
-20
0
20
40
60
80
100
120
Temperature (
oC)
SM12T2 Series
Miniature SMD Crystal
May 2006
• The Pletronics’ SM12T2 Series is a miniature
surface mount crystal with either a metal or
ceramic cover.
• The package is ideal for automated surface
mount assembly and reflow practices.
• Tape and Reel packaging
• 10 MHz to 50 MHz
• 3.5 x 6 mm 2 pad
• AT Cut Crystals Fundamental Mode
• Ideal for use in hand held consumer products.
Pletronics Inc. certifies this device is in accordance with the
RoHS 6/6 (2002/95/EC) and WEEE (2002/96/EC) directives.
Pletronics Inc. guarantees the device does not contain the following:
Cadmium, Hexavalent Chromium, Lead, Mercury, PBB’s, PBDE’s
Weight of the Device: 0.06 grams
Moisture Sensitivity Level: 1 As defined in J-STD-020C
Second Level Interconnect code: e4
Electrical Specification:
Item
Min
Max
Unit
Condition
Frequency Range
10
50
MHz
AT cut Fundamental
Calibration Frequency Tolerance
-10
+100
ppm
at +25oC +
_ 3oC, see part number for options
Frequency Stability over OTR
-10
+100
ppm
see part number for available options
Equivalent Series Resistance
(ESR)
-
60
Ohms
10 MHz to 16 MHz
Fundamental
-
40
Ohms
>16 MHz
Drive Level
-
100
μW
use 10 μW for testing
Shunt Capacitance
(C0)
-
5
pF
Pad to Pad capacitance
Aging
-5
+5
ppm /Yr
at +25oC +
_ 3oC
Operating Temperature Range
-40
+85
oC
see part number for available options
Storage Temperature Range
-55
+125
oC
AT Cut Crystal Frequency
versus Temperature
Typical Performance:


Similar Part No. - SM12T2-18

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM12T-18 PLETRONICS-SM12T-18 Datasheet
155Kb / 7P
   SM12T Series Miniature SMD Crystal
logo
ON Semiconductor
SM12T1 ONSEMI-SM12T1 Datasheet
56Kb / 6P
   Transient Voltage Suppressor Diode Array
June, 2003 - Rev. 0
logo
Shanghai Leiditech Elec...
SM12T1 LEIDITECH-SM12T1 Datasheet
373Kb / 3P
   TVS Diode Array
logo
ON Semiconductor
SM12T1G ONSEMI-SM12T1G Datasheet
109Kb / 5P
   Transient Voltage Suppressor Diode Array
July, 2011 ??Rev. 4
SM12T1G ONSEMI-SM12T1G Datasheet
96Kb / 5P
   Transient Voltage Suppressor Diode Array
October, 2016 ??Rev. 7
More results

Similar Description - SM12T2-18

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM45-18 PLETRONICS-SM45-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
SM55-18 PLETRONICS-SM55-18 Datasheet
116Kb / 7P
   Miniature SMD Crystal
SM42-18 PLETRONICS-SM42-18 Datasheet
157Kb / 7P
   Miniature SMD Crystal
SM12T-18 PLETRONICS-SM12T-18 Datasheet
155Kb / 7P
   SM12T Series Miniature SMD Crystal
SM13TS-18 PLETRONICS-SM13TS-18 Datasheet
162Kb / 7P
   SM13T Series Miniature SMD Crystal
SM11T-18 PLETRONICS-SM11T-18 Datasheet
154Kb / 7P
   SM11T Series Miniature SMD Crystal
SM40-18 PLETRONICS-SM40-18 Datasheet
115Kb / 7P
   SM40 Series Miniature SMD Crystal
SM8T-8 PLETRONICS-SM8T-8 Datasheet
97Kb / 6P
   SM8T Series Miniature SMD Crystal
SM10T-18 PLETRONICS-SM10T-18 Datasheet
98Kb / 6P
   SM10T Series Miniature SMD Crystal
SM9T-8 PLETRONICS-SM9T-8 Datasheet
98Kb / 6P
   SM9T Series Miniature SMD Crystal
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com