Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5KP16AJ Datasheet(PDF) 4 Page - MIC GROUP RECTIFIERS

Part # 5KP16AJ
Description  PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

5KP16AJ Datasheet(HTML) 4 Page - MIC GROUP RECTIFIERS

  5KP16AJ Datasheet HTML 1Page - MIC GROUP RECTIFIERS 5KP16AJ Datasheet HTML 2Page - MIC GROUP RECTIFIERS 5KP16AJ Datasheet HTML 3Page - MIC GROUP RECTIFIERS 5KP16AJ Datasheet HTML 4Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
5KP5.0 THRU 5KP110CA
Stand-off Voltage
5.0 to 110 Volts
5KP5.0J THRU 5KP110CAJ
Peak Pulse Power
5000 Watts
RATING AND CHARACTERISTIC CURVES 5KP5.0/J THRU 5KP110A/J
100
10
1
400
100
150
200
250
300
350
NUMBER OF CYCLES AT 60 Hz
JEDEC Method
8.3ms Single Half Since-Wave
FIG.6 - MAXMIUM NON-REPETITIVE FORWARD
SURGE CURRENT
L
T ,LEAD TEMPERATURE ℃
25
50
75
100
125
150
175
200
8
6
4
2
0
0
FIG.5- STEADY STATE POWER DERATING CURVE
WM
STAND-OFF
VOLTAGE,V
MEASURED at
MEASURED at
ZERO BIAS
Vsig = 50mVp-p
f = 1.0MHz
TJ=25 ℃
1
10
100 200
VOLTS
(
BR)
V
,BREALDOWN VOLTAGE,
100,000
10,000
1000
100
FIG.4- TYPICAL JUNCTION CAPACITANCE
t, TIME, ms
0
1.0
2.0
3.0
4.0
150
100
50
0
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (℃)
A
FIG.2- PULSE DERATING CURVE
1.0
10
0.1
100
10ms
0.1μs
1.0μs
10μs
100μs
1.0ms
FIG.1- PEAK PULSE POWER RATING CURVE
d
t ,PULSE WIDTH, SEC
Non-Repetitive
Pulse Waveform
TA=25 ℃
Shown in Figure 3
FIG.3- PULSE WAVEFORM
60 Hz
Resistive or induction load
L = 0.375" (9.5mm)
LEAD LENGTHS
0.8×0.8×0.040"
(
20×20mm)
COPPER HEAT SINKS
td
tf=10use
Peak Value
lppm
Half Value-lpp
2
as Defined by R.E.A.
10/1000usec Waveform
Pulse Width (td)is Defined
as the Point Where the Peak
Current Decays to 50% of lpp


Similar Part No. - 5KP16AJ

ManufacturerPart #DatasheetDescription
logo
Surge Components
5KP16A SURGE-5KP16A Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
DONGGUAN YOU FENG WEI E...
5KP16A YFWDIODE-5KP16A Datasheet
79Kb / 4P
   5000W Transient Voltage Suppressors
logo
Formosa MS
5KP16A FORMOSA-5KP16A Datasheet
148Kb / 4P
   Transient Voltage Suppressor
logo
Won-Top Electronics
5KP16A WTE-5KP16A Datasheet
71Kb / 6P
   5000W TRANSIENT VOLTAGE SUPPRESSOR
logo
SeCoS Halbleitertechnol...
5KP16A SECOS-5KP16A Datasheet
357Kb / 4P
   5000W Peak Power TVS
More results

Similar Description - 5KP16AJ

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
P6KE6.8 MIC-P6KE6.8 Datasheet
69Kb / 4P
   PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com