Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SM9T-8 Datasheet(PDF) 4 Page - Pletronics, Inc.

Part No. SM9T-8
Description  SM9T Series Miniature SMD Crystal
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PLETRONICS [Pletronics, Inc.]
Homepage  http://www.pletronics.com
Logo 

SM9T-8 Datasheet(HTML) 4 Page - Pletronics, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SM9T Series
Miniature SMD Crystal
January 2008
www.pletronics.com
425-776-1880
4
3
2
3
4
1
4
2
1
4
3
Mechanical:
Inches
mm
A
0.079 +
_ 0.004
2.0 +
_ 0.1
B
0.098 +
_ 0.004
2.5 +
_ 0.1
C
0.022 +
_ 0.004
0.55 +
_ 0.1
D
1
0.022
0.55
E
1
0.004
0.1
F
1
0.028
0.7
G
1
0.028
0.7
H
1
0.035
0.9
Contacts :
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
Not to Scale
1 Typical dimensions
J
1
0.004
0.1
Connection (top view):
Pad 2 and Pad 4 are common and connected
to the metal cover. They are not connected to
the crystal.
Layout and application information
• Trace lengths to the crystal should be kept as short as possible.
• The crystal connections are sensitive to noise.
• The package should be grounded for optimum performance, pad 2 and/or pad 4 connected to ground.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn