Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE9744DV Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # PE9744DV
Description  PE91/PE97 Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE9744DV Datasheet(HTML) 3 Page - Pletronics, Inc.

  PE9744DV Datasheet HTML 1Page - Pletronics, Inc. PE9744DV Datasheet HTML 2Page - Pletronics, Inc. PE9744DV Datasheet HTML 3Page - Pletronics, Inc. PE9744DV Datasheet HTML 4Page - Pletronics, Inc. PE9744DV Datasheet HTML 5Page - Pletronics, Inc. PE9744DV Datasheet HTML 6Page - Pletronics, Inc. PE9744DV Datasheet HTML 7Page - Pletronics, Inc. PE9744DV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PE91/PE97 Series 3.3 V
PECL Clock Oscillators
July 2007
www.pletronics.com
425-776-1880
3
Electrical Specification for 3.30V +
_10% over the specified temperature range and
the frequency range of 10.9 MHZ to 766 MHZ and 876 MHZ to 1,175MHz
Item
Min
Max
Unit
Condition
Frequency Accuracy
45"
-50
+50
ppm
For all supply voltages, load changes, aging for 1
year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
PECL / ECL
Output High Level
2.12
2.49
volts
Referenced to Ground, V
CC = 3.3 V
0.82
1.19
volts
Referenced to termination voltage, V
CC = 3.3 V
-1.18
-0.81
volts
Referenced to Vcc, V
CC = 3.3 V
Output Low Level
1.83
1.99
volts
Referenced to Ground, V
CC = 3.3 V
0.53
0.69
volts
Referenced to termination voltage, V
CC = 3.3 V
-1.47
-1.31
volts
Referenced to Vcc, V
CC = 3.3 V
Output Symmetry
47
53
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.6
pS RMS
12 KHz to 20 MHZ from the output frequency
-
2.8
pS RMS
10 Hz to 20 MHZ from the output frequency
Output T
RISE and TFALL
100
300
pS
Vth is 20% and 80% of waveform
V
CC Supply Current (ICC)-
90
mA
Enable/Disable Internal Pull-up
50
-
Kohm
to V
CC
V disable
-
0.8
volts
Referenced to pad 3
V enable
2.00
-
volts
Referenced to pad 3
Output leakage
V
OUT = VCC
-50
+50
uA
Pad 1 low, device disabled
V
OUT = 0V
-50
+50
uA
Enable time
-
10
nS
Time for output to reach a logic state
Disable time
-
10
nS
Time for output to reach a high Z state
Start up time
-
5
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
- 40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC
Specifications with E/D open circuit or connected to V
CC


Similar Part No. - PE9744DV

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9744 PASTERNACK-PE9744 Datasheet
240Kb / 2P
   Precision 75 Ohm F Female to BNC Female Adapter
More results

Similar Description - PE9744DV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1145TEV PLETRONICS-PE1145TEV Datasheet
122Kb / 8P
   PE11T Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com